Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2804 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT2804_17 Datasheet HTML 1Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 2Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 3Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 4Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 2 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
ORDERING INFORMATION
PART NUMBER
JUNCTION TEMPERATURE
PACKAGE
PINS
ACT2804QJ-T
-40˚C to 150˚C
QFN55-40
40
ACT2804QJ-T0435
-40˚C to 150˚C
QFN55-40
40
BATTERY CELL VOLTAGE
4.20V
4.35V
PIN CONFIGURATION
TOP VIEW
CSN2
CSN1
CSP
VOUT
VOUT
VIN
VIN
SCL
CBD
LED3
LED2
LED1
PB
AGND
VREG
TH
ICST
BATN
OVGATE
OVSENS
PGND
ACT2804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com