Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2804 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT2804_17 Datasheet HTML 15Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 16Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 17Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 18Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 19Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 20Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 21Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 22Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 20 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 7, Ta = 25°C, unless otherwise specified)
Buck Output1 Constant Current Limit
vs. Temperature
2700
2650
2600
2550
2500
2450
2750
Temperature (°C)
-30
0
30
60
90
120
150
VBAT = 8.4V
CV= 4.0V
Rcs=25mΩ(1%)
Buck Output2 Constant Current Limit
vs. Temperature
1250
1200
1150
1100
1050
1000
1300
VBAT = 8.4V
CV= 4.0V
Rcs=25mΩ(1%)
Buck Output2 Voltage vs. Output Current
5.25
5.20
5.15
5.10
5.00
4.95
5.05
Buck Output2 Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT =8.4V
VBAT=6.0V
Buck Output1 Voltage vs. Output Current
Buck Output1 Current (mA)
0
200
400
600
800
1200
1400
1000
VBAT =8.4V
VBAT=6.0V
Temperature (°C)
-30
0
30
60
90
120
150
Buck Output1 Constant Current Limit vs. VBAT
1240
1230
1210
1200
1190
1180
Buck Output2 Constant Current Limit vs. VBAT
2720
2680
2660
2640
2620
2600
2700
Vbat (V)
5.8
6.2
6.6
7.0
7.4
8.2
8.6
7.8
Vbat (V)
5.8
6.2
6.6
7.0
7.4
8.2
8.6
7.8
5.25
5.20
5.15
5.10
5.00
4.95
5.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com