Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4529M Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT4529M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529M Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT4529M Datasheet HTML 1Page - Active-Semi, Inc ACT4529M Datasheet HTML 2Page - Active-Semi, Inc ACT4529M Datasheet HTML 3Page - Active-Semi, Inc ACT4529M Datasheet HTML 4Page - Active-Semi, Inc ACT4529M Datasheet HTML 5Page - Active-Semi, Inc ACT4529M Datasheet HTML 6Page - Active-Semi, Inc ACT4529M Datasheet HTML 7Page - Active-Semi, Inc ACT4529M Datasheet HTML 8Page - Active-Semi, Inc ACT4529M Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACT4529M
Rev 1, 23-Feb-17
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
s
Output Constant Current Limit
Rcs=20mΩ
2.95
3.3
3.63
A
Hiccup Waiting Time
4.13
S
Top FET Cycle by Cycle Current
Limit
4.5
5.8
A
Top FET Rds on
70
mΩ
Bot FET Rds on
4.7
Ω
Maximum Duty Cycle
99
%
Switching Frequency
-10%
125
+10%
kHz
Soft-start Time
2.0
ms
Out Voltage Ripples
Cout=220uF/22uF ceramic
80
mV
VOUT Discharge Current
For high to lower voltage transi-
tions
60
mA
Voltage transition time for QC 2.0
transition or USB PD Type C
12V-5V
100
ms
Voltage transition time for QC 2.0
transition or USB PD Type C
5V-12V
100
ms
Line Transient Response
Input 12V-40V-12V with 1V/us
slew rate, Vout=5V, Iload=0A
and 2.4A
4.75
5.25
V
Load Transient Response
Vout=5V
80mA-1.0A-80mA load with
0.1A/us slew rate
4.9
5.15
5.4
V
Vout=9V
80mA-1.0A-80mA load with
0.1A/us slew rate
8.7
9.1
9.5
V
Vout=12V
80mA-1.0A-80mA load with
0.1A/us slew rate
11.6
12.1
12.6
V
Thermal Shut Down
160
°C
Thermal Shut Down Hysteresis
30
°C
ESD of DP, DM
HBM
8
kV
PDC High Threshold
2.2
V
PDC Low Threshold
0.6
V
PDC Drive Current
10
uA
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TJ = -40°C~125°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com