Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8892 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 12Page - Active-Semi, Inc ACT8892 Datasheet HTML 13Page - Active-Semi, Inc ACT8892 Datasheet HTML 14Page - Active-Semi, Inc ACT8892 Datasheet HTML 15Page - Active-Semi, Inc ACT8892 Datasheet HTML 16Page - Active-Semi, Inc ACT8892 Datasheet HTML 17Page - Active-Semi, Inc ACT8892 Datasheet HTML 18Page - Active-Semi, Inc ACT8892 Datasheet HTML 19Page - Active-Semi, Inc ACT8892 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
LOW-NOISE LDO ELECTRICAL CHARACTERISTICS
(VINL = 3.6V, COUT4 = COUT5 = 1.5µF, COUT6 = COUT7 = 3.3µF, LOWIQ[ ] = [0], TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
: IMAX Maximum Output Current.
: Dropout Voltage is defined as the differential voltage between input and output when the output voltage drops 100mV below the
regulation voltage (for 3.1V output voltage or higher)
: LDO current limit is defined as the output current at which the output voltage drops to 95% of the respective regulation voltage.
Under heavy overload conditions the output current limit folds back by 30% (typ)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.5
5.5
V
Output Voltage Accuracy
VOUT ≥ 1.2V, TA = 25°C, IOUT = 10mA
-1%
VNOM
2%
V
VOUT < 1.2V, TA = 25°C, IOUT = 10mA
-2%
VNOM
4%
Line Regulation
VINL = Max (VOUT + 0.5V, 3.6V) to 5.5V
0.05
mV/V
VINL = Max (VOUT + 0.5V, 3.6V) to 5.5V
LOWIQ[ ] = [1]
0.5
Load Regulation
IOUT = 1mA to IMAX
0.08
V/A
Power Supply Rejection Ratio
f = 1kHz, IOUT = 20mA, VOUT =1.2V
75
dB
f = 10kHz, IOUT = 20mA, VOUT =1.2V
65
Supply Current per Output
Regulator Enabled, LOWIQ[ ] = [0]
37
60
µA
Regulator Enabled, LOWIQ[ ] = [1]
31
52
Regulator Disabled
0
1
Soft-Start Period
VOUT = 2.9V
140
µs
Power Good Threshold
VOUT Rising
89
%
Power Good Hysteresis
VOUT Falling
3
%
Output Noise
IOUT = 20mA, f = 10Hz to 100kHz, VOUT =
1.2V
50
µVRMS
Discharge Resistance
LDO Disabled, DIS[ ] = 1
1.5
kΩ
REG4
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
90
180
mV
Maximum Output Current
320
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Stable COUT4 Range
3.3
20
µF
REG5
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
140
280
mV
Maximum Output Current
320
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Stable COUT5 Range
3.3
20
µF
REG6
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
90
180
mV
Maximum Output Current
320
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Stable COUT6 Range
3.3
20
µF
REG7
Dropout Voltage
IOUT = 160mA, VOUT > 3.1V
140
280
mV
Maximum Output Current
320
mA
Current Limit
VOUT = 95% of regulation voltage
400
mA
Stable COUT7 Range
3.3
20
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com