Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8892 Datasheet(PDF) 30 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 30 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 24Page - Active-Semi, Inc ACT8892 Datasheet HTML 25Page - Active-Semi, Inc ACT8892 Datasheet HTML 26Page - Active-Semi, Inc ACT8892 Datasheet HTML 27Page - Active-Semi, Inc ACT8892 Datasheet HTML 28Page - Active-Semi, Inc ACT8892 Datasheet HTML 29Page - Active-Semi, Inc ACT8892 Datasheet HTML 30Page - Active-Semi, Inc ACT8892 Datasheet HTML 31Page - Active-Semi, Inc ACT8892 Datasheet HTML 32Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 30 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
General Description
REG4, REG5, REG6 and REG7 are low-noise, low-
dropout linear regulators (LDOs) that supply up to
320mA. Each LDO has been optimized to achieve
low noise and high-PSRR, achieving more than
65dB PSRR at frequencies up to 10kHz.
Output Current Limit
Each LDO contains current-limit circuitry featuring a
current-limit fold-back function. During normal and
moderate overload conditions, the regulators can
support more than their rated output currents.
During extreme overload conditions, however, the
current limit is reduced by approximately 30%,
reducing power dissipation within the IC.
Compensation
The LDOs are internally compensated and require
very little design effort, simply select input and
output capacitors according to the guidelines below.
Input Capacitor Selection
Each LDO requires a small 1μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly
between the output and GA pins, as close to the
output as possible, and with a short, direct
connection. High quality ceramic capacitors such as
X7R and X5R dielectric types are strongly
recommended.
Output Capacitor Selection
Each LDO requires a small 3.3μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly
between the output and GA pins, as close to the
output as possible, and with a short, direct
connection. High quality ceramic capacitors such as
X7R and X5R dielectric types are strongly
recommended.
Configuration Options
Output Voltage Programming
By default, each LDO powers up and regulates to
its default output voltage. Once the system is
enabled, each output voltage may be independently
programmed to a different value by writing to the
regulator's VSET[-] register via the I2C serial
interface as shown in Table 4.
Enable / Disable Control
During normal operation, each LDO may be
enabled or disabled via the I2C interface by writing
to that LDO's ON[ ] bit. To enable the LDO set ON[ ]
to 1, to disable the LDO clear ON[ ] to 0.
REG4, REG5, REG6, REG7 Turn-on Delay
Each of REG4, REG5, REG6 and REG7 features a
programmable Turn-on Delay which help ensure a
reliable qualification. This delay is programmed by
DELAY[2:0], as shown in Table 5.
Table 5:
REGx/DELAY[ ] Turn-On Delay
Output Discharge
Each of the ACT8892’s LDOs features an optional
output discharge function, which discharges the
output to ground through a 1.5kΩ resistance when
the LDO is disabled. This feature may be enabled
or disabled by setting DIS[-] via; set DIS[-] to 1 to
enable this function, clear DIS[-] to 0 to disable it.
Low-Power Mode
Each of ACT8892's LDOs features a LOWIQ[-] bit
which, when set to 1, reduces the LDO's quiescent
current by about 16%, saving power and extending
battery lifetime.
OK[ ] and Output Fault Interrupt
Each LDO features a power-OK status bit that can
be read by the system microprocessor via the
interface. If an output voltage is lower than the
power-OK threshold, typically 11% below the
programmed regulation voltage, the value of that
regulator's OK[-] bit will be 0.
If a LDO's nFLTMSK[-] bit is set to 1, the ACT8892
will interrupt the processor if that LDO's output
voltage falls below the power-OK threshold. In this
case, nIRQ will assert low and remain asserted until
the OK[-] bit has been read via I2C.
PCB Layout Considerations
PCB Layout Considerations The ACT8892’s LDOs
LOW-NOISE, LOW-DROPOUT LINEAR REGULATORS
DELAY[2] DELAY[1] DELAY[0] TURN-ON DELAY
0
0
0
0 ms
0
0
1
2 ms
0
1
0
4 ms
0
1
1
8 ms
1
0
0
16 ms
1
0
1
32 ms
1
1
0
64 ms
1
1
1
128 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com