Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F800 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EN29F800 Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
4
EN29F800
Rev. E, Issue Date: 2001/07/05
TABLE 2B. BOTTOM BOOT BLOCK SECTOR ARCHITECTURE
ADDRESS RANGE
Sect
or
(X16)
(X8)
SECTOR
SIZE
(Kbytes/
Kwords)
A18
A17
A16
A15
A14
A13
A12
18
78000h-7FFFFh
F0000h – FFFFFh
64/32
1
1
1
1
X
X
X
17
70000h-77FFFh
E0000h – EFFFFh
64/32
1
1
1
0
X
X
X
16
68000h-6FFFFh
D0000h – DFFFFh
64/32
1
1
0
1
X
X
X
15
60000h-67FFFh
C0000h – CFFFFh
64/32
1
1
0
0
X
X
X
14
58000h-5FFFFh
B0000h - BFFFFh
64/32
1
0
1
1
X
X
X
13
50000h-57FFFh
A0000h - AFFFFh
64/32
1
0
1
0
X
X
X
12
48000h-4FFFFh
90000h – 9FFFFh
64/32
1
0
0
1
X
X
X
11
40000h-47FFFh
80000h – 8FFFFh
64/32
1
0
0
0
X
X
X
10
38000h-3FFFFh
70000h –7FFFFh
64/32
0
1
1
1
X
X
X
9
30000h-37FFFh
60000h – 6FFFFh
64/32
0
1
1
0
X
X
X
8
28000h-2FFFFh
50000h – 5FFFFh
64/32
0
1
0
1
X
X
X
7
20000h-27FFFh
40000h – 4FFFFh
64/32
0
1
0
0
X
X
X
6
18000h-1FFFFh
30000h – 3FFFFh
64/32
0
0
1
1
X
X
X
5
10000h-17FFFh
20000h – 2FFFFh
64/32
0
0
1
0
X
X
X
4
08000h-0FFFFh
10000h – 1FFFFh
64/32
0
0
0
1
X
X
X
3
04000h-07FFFh
08000h – 0FFFFh
32/16
0
0
0
0
1
X
X
2
03000h-03FFFh
06000h – 07FFFh
8/4
0
0
0
0
0
1
1
1
02000h-02FFFh
04000h – 05FFFh
8/4
0
0
0
0
0
1
0
0
00000h-01FFFh
00000h – 01FFFh
16/8
0
0
0
0
0
0
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com