Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F800 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # EN29F800
Description  8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F800 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button EN29F800 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 13Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 14Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 15Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 16Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 17Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 18Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 19Page - List of Unclassifed Manufacturers EN29F800 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
16
EN29F800
Rev. E, Issue Date: 2001/07/05
Table 6. Status Register Bits
DQ
Name
Logic Level
Definition
‘1’
Erase Complete or
erase Sector in Erase
suspend
‘0’
Erase On-Going
DQ7
Program Complete or
data of non-erase Sector
during Erase Suspend
7
DATA
POLLING
DQ7
Program On-Going
‘-1-0-1-0-1-0-1-’
Erase or Program On-going
DQ6
Read during Erase Suspend
6
TOGGLE
BIT
‘-1-1-1-1-1-1-1-‘
Erase Complete
‘1’
Program or Erase Error
5
ERROR BIT
‘0’
Program or Erase On-going
‘1’
Erase operation start
3
ERASE
TIME BIT
‘0’
Erase timeout period on-going
‘-1-0-1-0-1-0-1-’
Chip Erase, Erase or Erase
suspend on currently
addressed
Sector. (When DQ5=1, Erase
Error due to currently
addressed Sector. Program
during Erase Suspend on-
going at current address
2
TOGGLE
BIT
DQ2
Erase Suspend read on
non Erase Suspend Sector
Notes:
DQ7
DATA Polling: indicates the P/E C status check during Program or Erase, and on completion before checking bits
DQ5 for Program or Erase Success.
DQ6 Toggle Bit: remains at constant level when P/E operations are complete or erase suspend is acknowledged.
Successive reads output complementary data on DQ6 while programming or Erase operation are on-going.
DQ5 Error Bit: set to “1” if failure in programming or erase
DQ3 Sector Erase Command Timeout Bit: Operation has started. Only possible command is Erase suspend (ES).
DQ2 Toggle Bit: indicates the Erase status and allows identification of the erased Sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com