Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR24C64 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR24C64 Datasheet HTML 1Page - Leshan Radio Company LR24C64 Datasheet HTML 2Page - Leshan Radio Company LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin Descriptions
DEVICE/PAGE ADDRESSES (A2, A1 and A0): The A2, A1 and A0 pins are device address inputs
that are hard wired for the LR24C64. Eight 64K devices may be addressed on a single bus system (device
addressing is discussed in detail under the Device Addressing section).
SERIAL DATA (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven
and may be wire-Read with any number of other open-drain or open- collector devices.
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and
negative edge clock data out of each device.
WRITE PROTECT (WP):
The LR24C64 has a Write Protect pin that provides hardware data protection.
The Write Protect pin allows normal read/write operations when connected to ground (GND). When the
Write Protect pin is connected to VCC, the write protection feature is enabled and operates as shown in the
following Table 2.
Table 2:Write Protect
WP Pin Status
Part of the Array Protected
LR24C64
At Vcc
Full(64K)Array
At GND
Normal Read/Write Operations
Memory Organiation
LRC6
6K SERIAL EEPROM: Internally organized with 256 pages of 32 bytes each, the 64K
requires an 13-bit data word address for random word addressing.
LESHAN RADIO COMPANY, LTD.
3/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com