Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR24C64 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR24C64
Description  Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR24C64 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR24C64 Datasheet HTML 1Page - Leshan Radio Company LR24C64 Datasheet HTML 2Page - Leshan Radio Company LR24C64 Datasheet HTML 3Page - Leshan Radio Company LR24C64 Datasheet HTML 4Page - Leshan Radio Company LR24C64 Datasheet HTML 5Page - Leshan Radio Company LR24C64 Datasheet HTML 6Page - Leshan Radio Company LR24C64 Datasheet HTML 7Page - Leshan Radio Company LR24C64 Datasheet HTML 8Page - Leshan Radio Company LR24C64 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data
on the SDA pin may change only during SCL low time periods (see to Figure 1 on page 4). Data changes
during SCL high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must
precede any other command (see to Figure 2 on page 4).
STOP CONDITION: A low-to-high transition of SDA with SCL hig h is a stop condition. After a read
sequence, the stop command will place the EEPROM in a standby power mode (see Figure 2 on page 4).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROMin
8-bit words. The EEPROM sen ds a "0" to acknowledge that it has received each word. This happens during
the ninth clock cycle.
STANDBY MODE: The LR24C64 features a low-power standby mode which is enabled:(a) upon power-
up and (b) after the receipt of the STOP bit and the completion of any internal operations
MEMORY RESET: After an interruption in protocol, power loss or system reset, any two-wire part can be
reset by following these steps:
1.
Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high.
3. Create a start cond ition.
Figure 1: Data Validity
Figure 2: Start and Stop Definition
LESHAN RADIO COMPANY, LTD.
4/15
V2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com