Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 45Page - Cypress Semiconductor S29GL01GP Datasheet HTML 46Page - Cypress Semiconductor S29GL01GP Datasheet HTML 47Page - Cypress Semiconductor S29GL01GP Datasheet HTML 48Page - Cypress Semiconductor S29GL01GP Datasheet HTML 49Page - Cypress Semiconductor S29GL01GP Datasheet HTML 50Page - Cypress Semiconductor S29GL01GP Datasheet HTML 51Page - Cypress Semiconductor S29GL01GP Datasheet HTML 52Page - Cypress Semiconductor S29GL01GP Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 49 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
11.2
Operating Ranges
Notes
1. Operating ranges define those limits between which the functionality of the device is guaranteed.
2. See also Ordering Information on page 4.
3. For valid VCC/VIO range combinations, see Ordering Information on page 4. The I/Os do not operate at 3 V when VIO = 1.8 V.
11.3
Test Conditions
Figure 11.3
Test Setup
Note
If VIO < VCC, the reference level is 0.5 VIO.
Specifications
Range
Ambient Temperature (TA), Industrial (I) Device
–40°C to +85°C
Ambient Temperature (TA), Commercial (C) Device
0°C to +85°C
Supply Voltages
VCC
+2.7 V to 3.6 V or
+3.0 V to 3.6 V
VIO Supply Voltages
VIO
+1.65 V to VCC
Test Specifications
Test Condition
All Speeds
Unit
Output Load Capacitance, CL
(including jig capacitance)
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–VIO
V
Input timing measurement reference levels (See Note)
0.5VIO
V
Output timing measurement reference levels
0.5 VIO
V
CL
Device
Under
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com