Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GP Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # S29GL01GP
Description  1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GP Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button S29GL01GP Datasheet HTML 49Page - Cypress Semiconductor S29GL01GP Datasheet HTML 50Page - Cypress Semiconductor S29GL01GP Datasheet HTML 51Page - Cypress Semiconductor S29GL01GP Datasheet HTML 52Page - Cypress Semiconductor S29GL01GP Datasheet HTML 53Page - Cypress Semiconductor S29GL01GP Datasheet HTML 54Page - Cypress Semiconductor S29GL01GP Datasheet HTML 55Page - Cypress Semiconductor S29GL01GP Datasheet HTML 56Page - Cypress Semiconductor S29GL01GP Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
Document Number: 002-00886 Rev. *B
Page 53 of 83
S29GL01GP
S29GL512P
S29GL256P
S29GL128P
Figure 11.5
Read Operation Timings
Note
For Figure 11.5, parameters tCEH and tOEH are specific to a read cycle following a flash write operation.
Figure 11.6
Page Read Timings
Note
Figure 11.6 shows word mode. Addresses are A2:A-1 for byte mode.
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
tCEH
Amax:A3
CE#
OE#
A2:A0
Data Bus
Same Page
Aa
Ab
Ac
Ad
Qa
Qb
Qc
Qd
tACC
tPACC
tPACC
tPACC
(See Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com