Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2249 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ2249
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ2249 Datasheet HTML 6Page - Monolithic Power Systems MPQ2249 Datasheet HTML 7Page - Monolithic Power Systems MPQ2249 Datasheet HTML 8Page - Monolithic Power Systems MPQ2249 Datasheet HTML 9Page - Monolithic Power Systems MPQ2249 Datasheet HTML 10Page - Monolithic Power Systems MPQ2249 Datasheet HTML 11Page - Monolithic Power Systems MPQ2249 Datasheet HTML 12Page - Monolithic Power Systems MPQ2249 Datasheet HTML 13Page - Monolithic Power Systems MPQ2249 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
12
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PCB Layout
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance. If change
is necessary, please follow these guidelines and
take figure 5 for reference.
(1) Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and external switching
diode
(2) Bypass ceramic capacitors are suggested to
be put close to the Vin Pin.
(3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
(4) Route SW away from sensitive analog areas
such as FB.
(5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance
and long-term reliability.
V
IN
V
OUT
GND
Top Layer
Bottom Layer
Figure 2— PCB Layout
Design Specification
The below is a design example following the
application guidelines for the specifications :
Table 2—Design Example Specification
parameter
Symbol
Value
Units
Input Voltage
VIN
2.5 — 6
V
Output Voltage
VOUT
1.8
V
Output Current
IOUT
3
A
Design Example
The detailed application schematic is shown in
Figure 3. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com