Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2249 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ2249
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ2249 Datasheet HTML 6Page - Monolithic Power Systems MPQ2249 Datasheet HTML 7Page - Monolithic Power Systems MPQ2249 Datasheet HTML 8Page - Monolithic Power Systems MPQ2249 Datasheet HTML 9Page - Monolithic Power Systems MPQ2249 Datasheet HTML 10Page - Monolithic Power Systems MPQ2249 Datasheet HTML 11Page - Monolithic Power Systems MPQ2249 Datasheet HTML 12Page - Monolithic Power Systems MPQ2249 Datasheet HTML 13Page - Monolithic Power Systems MPQ2249 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
13
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
PVIN
R4
75k
L1
2.2
R3
150k
C6
22
C7
22
C8
0.1
GND
EN
FB
SW
PG
C5
0.1
R1
100k
R2
100k
C2
10
C3
0.1
GND
VIN
C1
10
4
8
7
5,6
1
PG
2,3
VOUT
GND
MPQ2249DN
Figure 3—Typical application circuit of MPQ2249DN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com