Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW119DT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NVSW119DT
Description  SPECIFICATIONS FOR WHITE LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119DT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NVSW119DT Datasheet HTML 3Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 4Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 5Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 6Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 7Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 8Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NICHIA STS-DA1-5022 <Cat.No.171031>
6
* Repairing should not be done after the LEDs have been soldered. When repairing is unavoidable, a double-head soldering iron
should be used. It should be confirmed beforehand whether the characteristics of the LEDs will or will not be damaged by
repairing.
* When soldering, do not apply stress to the LED while the LED is hot.
* The recommended soldering pad pattern is designed for attachment of the LED without problems. When precise mounting
accuracy is required, such as high-density mounting, ensure that the size and shape of the pad are suitable for the circuit design.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner where the
flux will come in contact with the LEDs.
* Make sure that there are no issues with the type and amount of solder that is being used.
* All of the electrode pads are on the backside of this product; solder connections will not be able to be seen nor confirmed by a
normal visual inspection. When using the product, ensure that there are no issues with the soldering conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com