Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW119DT Datasheet(PDF) 21 Page - NICHIA CORPORATION

Part # NVSW119DT
Description  SPECIFICATIONS FOR WHITE LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119DT Datasheet(HTML) 21 Page - NICHIA CORPORATION

Back Button NVSW119DT Datasheet HTML 14Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 15Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 16Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 17Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 18Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 19Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 20Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 21Page - NICHIA CORPORATION NVSW119DT Datasheet HTML 22Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NICHIA STS-DA1-5022 <Cat.No.171031>
20
(6) Thermal Management
● Proper thermal management is an important when designing products with LEDs. LED die temperature is affected by PCB thermal
resistance and LED spacing on the board. Please design products in a way that the LED die temperature does not exceed the
maximum Junction Temperature (TJ).
● Drive current should be determined for the surrounding ambient temperature (TA) to dissipate the heat from the product.
● The following equations can be used to calculate the LED temperature (i.e. TJ) once the saturation temperature at the junction has
been reached.
1) TJ=TA+RθJA・W
2) TJ=TS+RθJS・W
*TJ=LED junction temperature: °C
TA=Ambient temperature: °C
TS=Soldering temperature (cathode side): °C
RθJA=Thermal resistance from junction to ambient: °C/W
RθJS=Thermal resistance from junction to TS measurement point: °C/W
W=Input power(IF×VF): W
TS Measurement Point
(7) Cleaning
● The LEDs should not be cleaned with water, benzine, and/or thinner.
● If required, isopropyl alcohol (IPA) should be used. Other solvents may cause premature failure to the LEDs due to the damage
to the resin portion. The effects of such solvents should be verified prior to use. In addition, the use of CFCs such as Freon is
heavily regulated.
● When dust and/or dirt adheres to the LEDs, soak a cloth with Isopropyl alcohol (IPA), then squeeze it before wiping the LEDs.
● Ultrasonic cleaning is not recommended since it may have adverse effects on the LEDs depending on the ultrasonic power and how
LED is assembled. If ultrasonic cleaning must be used, the customer is advised to make sure the LEDs will not be damaged prior
to cleaning.
(8) Eye Safety
● In 2006, the International Electrical Commission (IEC) published IEC 62471:2006 Photobiological safety of lamps and lamp
systems, which added LEDs in its scope. On the other hand, the IEC 60825-1:2007 laser safety standard removed LEDs from its
scope. However, please be advised that some countries and regions have adopted standards based on the IEC laser safety
standard IEC 60825-1:20112001, which still includes LEDs in its scope. Most of Nichia's LEDs can be classified as belonging into
either the Exempt Group or Risk Group 1. High-power LEDs, that emit light containing blue wavelengths, may be classified as Risk
Group 2. Please proceed with caution when viewing directly any LEDs driven at high current, or viewing LEDs with optical
instruments which may greatly increase the damages to your eyes.
● Viewing a flashing light may cause eye discomfort. When incorporating the LED into your product, please be careful to avoid
adverse effects on the human body caused by light stimulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com