Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUWCFUP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # CUWCFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUWCFUP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button CUWCFUP Datasheet HTML 7Page - OSRAM GmbH CUWCFUP Datasheet HTML 8Page - OSRAM GmbH CUWCFUP Datasheet HTML 9Page - OSRAM GmbH CUWCFUP Datasheet HTML 10Page - OSRAM GmbH CUWCFUP Datasheet HTML 11Page - OSRAM GmbH CUWCFUP Datasheet HTML 12Page - OSRAM GmbH CUWCFUP Datasheet HTML 13Page - OSRAM GmbH CUWCFUP Datasheet HTML 14Page - OSRAM GmbH CUWCFUP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 1.1
CUW CFUP
2014-01-16
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f(TA); Rth JA el = 160K/W; still air; FR4
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
RthJA el = 160 K/W; TA = 25°C; still air; FR4
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
Rth JA el= 160K/W; TA = 85°C; still air; FR4
CUWCFUP
0
20406080
TA [°C]
0
50
100
150
200
250
300
IF [mA]
Do not use below30 mA
10-5 10-4 10-3 0,01
0,1
1
10
Pulsetime [s]
0,0
0,5
1,0
1,5
2,0
2,5
IF [A]
CUWCFUP
: D=0.2
: D=0.1
: D=0.05
: D=0.02
: D=0.01
: D=0.005
10-5 10-4 10-3 0,01
0,1
1
10
Pulsetime [s]
0,0
0,5
1,0
1,5
2,0
2,5
IF [A]
CUWCFUP
: D=0.2
: D=0.1
: D=0.05
: D=0.02
: D=0.01
: D=0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com