Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW5AM Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCWW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AM Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCWW5AM Datasheet HTML 7Page - OSRAM GmbH LCWW5AM Datasheet HTML 8Page - OSRAM GmbH LCWW5AM Datasheet HTML 9Page - OSRAM GmbH LCWW5AM Datasheet HTML 10Page - OSRAM GmbH LCWW5AM Datasheet HTML 11Page - OSRAM GmbH LCWW5AM Datasheet HTML 12Page - OSRAM GmbH LCWW5AM Datasheet HTML 13Page - OSRAM GmbH LCWW5AM Datasheet HTML 14Page - OSRAM GmbH LCWW5AM Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LCW W5AM
2009-06-19
11
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JY-4U
Example: JY-4U
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstrom
1) Seite 23
Luminous Flux
1) page 23
Φ
V (mlm)
Lichtstärke
2) Seite 23
Luminous Intensity
2) page 23
I
V (mcd)
JY
JZ
KX
KY
KZ
52.000 ...
61.000
61.000 ...
71.000
71.000 ...
82.000
82.000 ...
97.000
97.000 ... 112.000
14.100(typ.)
16.500 (typ.)
19.100 (typ.)
22.400 (typ.)
26.150 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus
wenigen Helligkeitsgruppen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note: The standard shipping format for serial types includes a family group of only a few individual
brightness groups. Individual brightness groups cannot be ordered.
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
JY
4U
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Note: No packing unit / tape ever contains more than one brightness group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com