Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWW5AM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LCWW5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5AM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LCWW5AM Datasheet HTML 10Page - OSRAM GmbH LCWW5AM Datasheet HTML 11Page - OSRAM GmbH LCWW5AM Datasheet HTML 12Page - OSRAM GmbH LCWW5AM Datasheet HTML 13Page - OSRAM GmbH LCWW5AM Datasheet HTML 14Page - OSRAM GmbH LCWW5AM Datasheet HTML 15Page - OSRAM GmbH LCWW5AM Datasheet HTML 16Page - OSRAM GmbH LCWW5AM Datasheet HTML 17Page - OSRAM GmbH LCWW5AM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LCW W5AM
2009-06-19
14
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA
Relative Lichtstrom
2) Seite 23
Relative Luminous Flux
2) page 23
Φ
V/ΦV
(25 °C) = f (Tj); IF = 350 mA
-0.3
Tj
OHL03676
V
F
V
Δ
-60
60
20 40
0
-20
-40
140
100 ˚C
80
-0.2
-0.1
0
0.1
0.2
0.3
0
V
Φ
Φ
V
Tj
OHL13678
60
40
20
-20
-40
0
140
100
80
˚C
-60
(25 ˚C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com