Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEUWS2W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWS2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2W Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWS2W Datasheet HTML 1Page - OSRAM GmbH LEUWS2W Datasheet HTML 2Page - OSRAM GmbH LEUWS2W Datasheet HTML 3Page - OSRAM GmbH LEUWS2W Datasheet HTML 4Page - OSRAM GmbH LEUWS2W Datasheet HTML 5Page - OSRAM GmbH LEUWS2W Datasheet HTML 6Page - OSRAM GmbH LEUWS2W Datasheet HTML 7Page - OSRAM GmbH LEUWS2W Datasheet HTML 8Page - OSRAM GmbH LEUWS2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2015-11-27
1
2015-11-27
OSRAM OSTAR Stage
Datasheet
Version 2.2 (not for new design)
LE UW S2W
Outstanding brightness and luminance due to surface
emission and low Rth
Extrem hohe Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem Rth
Features:
Besondere Merkmale:
•
Package: compact lightsource in multi chip SMT
technology with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in Multi-Chip
SMT Technologie mit Glasabdeckung
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931
(ultra white)
•
Farbe: Cx = 0.31, Cy = 0.32 acc. to CIE 1931 (ultra
weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Stage and Entertainment Lighting
•
Bühnen- und Effektbeleuchtung
•
Mood Lighting
•
Stimmungsbeleuchtung
•
Architectural Lighting indoor and outdoor
•
Architekturbeleuchtung innen und außen


Similar Part No. - LEUWS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2WN OSRAM-LEUWS2WN Datasheet
1Mb / 20P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.2 2020-06-03
LEUWS2WN-RASA-CQ OSRAM-LEUWS2WN-RASA-CQ Datasheet
1Mb / 20P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.2 2020-06-03
logo
ams AG
LEUWS2WP AMSCO-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.3 2021-07-14
logo
OSRAM GmbH
LEUWS2WP OSRAM-LEUWS2WP Datasheet
1Mb / 21P
Outstanding brightness and luminance due to surface emission and low Rth
Version 1.4 2023-08-22
More results

Similar Description - LEUWS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LE-RTDUWS-2W OSRAM-LE-RTDUWS-2W Datasheet
820Kb / 24P
compact lightsource in multi chip SMT technology with glass window on top
LEUWS2W-PXQX-4P7R OSRAM-LEUWS2W-PXQX-4P7R Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
LEATBS2W OSRAM-LEATBS2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-S2W OSRAM-LE-A-S2W Datasheet
525Kb / 21P
compact lightsource in multi chip SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-S2W OSRAM-LE-ATB-S2W Datasheet
1Mb / 20P
compact lightsource in multi chip SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-S2W OSRAM-LE-UW-S2W Datasheet
904Kb / 26P
compact lightsource in multi chip SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com