Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEUWS2W Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LEUWS2W
Description  compact lightsource in multi chip SMT technology with glass window on top
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWS2W Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LEUWS2W Datasheet HTML 7Page - OSRAM GmbH LEUWS2W Datasheet HTML 8Page - OSRAM GmbH LEUWS2W Datasheet HTML 9Page - OSRAM GmbH LEUWS2W Datasheet HTML 10Page - OSRAM GmbH LEUWS2W Datasheet HTML 11Page - OSRAM GmbH LEUWS2W Datasheet HTML 12Page - OSRAM GmbH LEUWS2W Datasheet HTML 13Page - OSRAM GmbH LEUWS2W Datasheet HTML 14Page - OSRAM GmbH LEUWS2W Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Version 2.2 (not for new design)
LE UW S2W
2015-11-27
11
Forward Current 5) page 25 , 6) page 25
Durchlassstrom 5) Seite 25 , 6) Seite 25
IF = f (VF); TJ = 25 °C; per Chip
Relative Luminous Flux 5) page 25 , 6) page 25
Relativer Lichtstrom 5) Seite 25 , 6) Seite 25
ΦV/ΦV(700 mA) = f(IF); TJ = 25 °C; per Chip
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
Cx, Cy = f(IF); TJ = 25 °C
LE UW S2W
2,8
3,0
3,2
3,4
3,6
VF [V]
200
400
600
800
1000
IF [mA]
LE UW S2W
20
0
40
0
60
0
80
0
10
00
10
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
ΦV
Φ
V(700mA)
LE UW S2W
20
0
40
0
60
0
80
0
10
00
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆Cx
:
∆Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com