Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2276 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2276 Datasheet HTML 12Page - Monolithic Power Systems MP2276 Datasheet HTML 13Page - Monolithic Power Systems MP2276 Datasheet HTML 14Page - Monolithic Power Systems MP2276 Datasheet HTML 15Page - Monolithic Power Systems MP2276 Datasheet HTML 16Page - Monolithic Power Systems MP2276 Datasheet HTML 17Page - Monolithic Power Systems MP2276 Datasheet HTML 18Page - Monolithic Power Systems MP2276 Datasheet HTML 19Page - Monolithic Power Systems MP2276 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
16
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Output Voltage External Reference
SS/TRK can be used as an analog input pin to
accept an external reference. When an external
voltage signal is connected to SS/TRK, it acts
as a reference for the MP2276 output voltage.
The FB voltage (VFB) follows this external
voltage signal exactly. The soft-start settings
are ignored. The SS/TRK input signal can be in
the range of 0.3V to 1.4V. During the initial
start-up, SS/TRK must first reach 800mV or
above to ensure proper operation. Afterward,
SS/TRK can be any value between 0.3V and
1.4V. If the external reference is added before
start-up, it should be no more than 1.2V to
avoid triggering under-voltage protection (UVP).
Pre-Bias Start-Up
The MP2276 is designed for monotonic start-up
into pre-biased loads. If the output is pre-biased
to a certain voltage during start-up, the IC
disables switching for both the high-side and
low-side switches until the internal soft-start
voltage exceeds the sensed output voltage at
FB.
Output Voltage Discharge
When the MP2276 is disabled through EN, the
output voltage discharge mode is enabled. Both
the HS-FET and the LS-FET are latched off. A
discharge MOSFET connected between SW
and GND is turned on to discharge the output
voltage. The typical switch on resistance of this
MOSFET is about 8
0Ω. Once VFB drops below
10% of VREF, the discharge MOSFET is turned
off.
Current Sense and Over-Current Protection
(OCP)
The MP2276 features an on-die current sense
and
programmable
positive
current
limit
threshold. The current limit is active when the
MP2276 is enabled. During the LS-FET on
state, the SW current (inductor current) is
sensed and mirrored to ILIM with the ratio of
GCS. By using a resistor (RILIM) from ILIM to
AGND, the ILIM voltage (VILIM) is proportional to
the SW cycle-by-cycle current. The HS-FET is
only allowed to turn on whenever VILIM is below
the
internal
over-current
protection
(OCP)
voltage threshold (VOCP) during the LS-FET on
state to limit the SW ripple valley current cycle-
by-cycle.
Calculate the current limit threshold setting from
RILIM with Equation (4):
OCP
ILIM
IN
O
O
CS
LIM
IN
s
V
R
( )
(V
V ) V
1
G
(I
)
V
2 L f



(4)
Where VOCP is 1.2V, GCS is 40µA/A, and ILIM is
the desired output current limit (A).
During an over-current condition, the average
inductor current is less than the output load
current, and the output capacitor must supply
the extra current. Eventually, the output voltage
drops. Once the output voltage drops to the
under-voltage protection (UVP) threshold, the
MP2276 enters hiccup mode to restart the part
periodically. If the MP2276 detects an over-
current condition for 31 consecutive cycles,
even if the output voltage is above the UVP
level, it enters hiccup mode. The average short-
circuit current is reduced greatly to alleviate the
thermal issue and protect the regulator. The
MP2276 exits hiccup mode once the under-
voltage (UV) condition is removed.
Negative Inductor Current Limit
When LS-FET detects a -4A current, the
MP2276 turns off the LS-FET for 80ns to limit
the negative current.
Under -Voltage Protection (UVP)
The MP2276 monitors the output voltage by
connecting FB to the tap of a resistor divider to
detect an under-voltage condition. If VFB drops
below 80% of VREF, under-voltage protection
(UVP) is triggered. The MP2276 enters hiccup
protection mode to restart the part periodically.
The MP2276 exits UVP when VFB recovers to
more than 92.5% of VREF.
Output Sinking Mode (OSM)
The MP2276 uses output sinking mode (OSM)
to regulate the output voltage to the targeted
value. When VFB is above 105% of VREF, but is
below the OVP threshold, OSM is triggered.
During OSM operation, the LS-FET remains on
until it reaches the -4A negative current limit.
After hitting -4A, the LS-FET is turned off
momentarily for 80ns and is then turned on
again. The MP2276 continues this operation
until VFB drops below 102.5% of VREF. Once it
does,
the
MP2276
exits
OSM
after
15
consecutive cycles of forced CCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com