Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2276 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2276
Description  8A, 4-16V Input, High-Efficiency Synchronous Step-Down Converter with Programmable Current Limit and Soft Start Time Selectable Frequency and Mode of Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2276 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2276 Datasheet HTML 15Page - Monolithic Power Systems MP2276 Datasheet HTML 16Page - Monolithic Power Systems MP2276 Datasheet HTML 17Page - Monolithic Power Systems MP2276 Datasheet HTML 18Page - Monolithic Power Systems MP2276 Datasheet HTML 19Page - Monolithic Power Systems MP2276 Datasheet HTML 20Page - Monolithic Power Systems MP2276 Datasheet HTML 21Page - Monolithic Power Systems MP2276 Datasheet HTML 22Page - Monolithic Power Systems MP2276 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP2276
– 16V, 8A, HIGH EFFICIENCY, SYNC, STEP-DOWN CONVERTER
MP2276 Rev.1.0
www.MonolithicPower.com
19
3/22/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Inductor
The inductor supplies a constant current to the
output load while being driven by the switching
input voltage. A larger-value inductor results in
less ripple current and lower output ripple
voltage, but also has a larger physical size,
higher series resistance, and lower saturation
current. Generally, select an inductor value that
allows the inductor peak-to-peak ripple current
to be 30% to 40% of the maximum switch
current limit. Also design for a peak inductor
current that is below the maximum switch
current limit. Calculate the inductance value
with Equation (14):
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
(14)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (15):
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
(15)
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best performance, refer to
Figure 7 and follow the guidelines below.
1. Place the input MLCC capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP2276.
3. Maximize the VIN and PGND copper plane
to minimize parasitic impedance.
4. Place as many PGND vias as possible as
close
to
the
MP2276
as
possible
to
minimize both parasitic impedance and
thermal resistance.
5. Place a VCC decoupling capacitor close to
the device.
6. Connect AGND and PGND at the point of
the VCC capacitor's ground connection.
7. Place a BST capacitor as close to BST and
SW as possible.
8. Use a trace width of 20 mils or higher to
route the path.
9. Use a 1µF bootstrap capacitor.
SW
VOUT
VIN
PGND
SW
FREQ/
MODE
BST
SW
VIN
PGND
ILIM
EN
SS/TRK
PG
R1
R2
1
2
3
4
5
12
11
10
9
8
6
7
14
13
C6
1
2
3
4
5
12
10
9
8
6
7
14
13
11
C5
C3
VOUT
L1
Figure 7: Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com