Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2313 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2313
Description  High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2313 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2313 Datasheet HTML 11Page - Monolithic Power Systems MP2313 Datasheet HTML 12Page - Monolithic Power Systems MP2313 Datasheet HTML 13Page - Monolithic Power Systems MP2313 Datasheet HTML 14Page - Monolithic Power Systems MP2313 Datasheet HTML 15Page - Monolithic Power Systems MP2313 Datasheet HTML 16Page - Monolithic Power Systems MP2313 Datasheet HTML 17Page - Monolithic Power Systems MP2313 Datasheet HTML 18Page - Monolithic Power Systems MP2313 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP2313 – 24V, 1A SYNC STEP DOWN CONVERTER
MP2313 Rev. 1.0
www.MonolithicPower.com
15
9/1/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V
⎛⎞
=× −
×
⎜⎟
×
⎝⎠
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP2313 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the VCC pin to BST pin, as
shown in Figure 8.
RBST
MP2313
Figure 8: Add Optional External
Bootstrap Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1─1μF.
PC Board Layout (6)
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take Figure 9 as reference.
1) Keep the connection of input ground and
GND pin as short and wide as possible.
2) Keep the connection of input capacitor and
IN pin as short and wide as possible.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the chip
as possible.
4) Route SW away from sensitive analog areas
such as FB.
Notes:
6) The recommended layout is based on the Figure 10 Typical
Application circuit on the page 16.
C1
C6
R1
R2
C5
R4
C4
6
7
8
1
VIN
GND
C3
R3
5
3
2
4
R5
C2
L1
VOUT
C1
C6
R1
R2
C5
R4
C4
6
7
8
1
VIN
GND
C3
R3
5
3
2
4
R5
C2
L1
VOUT
Figure 9: Sample Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com