Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2313 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2313
Description  High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2313 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2313 Datasheet HTML 9Page - Monolithic Power Systems MP2313 Datasheet HTML 10Page - Monolithic Power Systems MP2313 Datasheet HTML 11Page - Monolithic Power Systems MP2313 Datasheet HTML 12Page - Monolithic Power Systems MP2313 Datasheet HTML 13Page - Monolithic Power Systems MP2313 Datasheet HTML 14Page - Monolithic Power Systems MP2313 Datasheet HTML 15Page - Monolithic Power Systems MP2313 Datasheet HTML 16Page - Monolithic Power Systems MP2313 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP2313 – 24V, 1A SYNC STEP DOWN CONVERTER
MP2313 Rev. 1.0
www.MonolithicPower.com
13
9/1/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Typical Application
on page 1). R2 is then given by:
OUT
R1
R2
V
1
0.798V
=
The feedback network is as Figure 5 shows.
Figure 5: Feedback Network
Table 1 lists the recommended feedback
resistors value for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V) R1 (kΩ) R2 (kΩ) Cf (pF)
L(µH)
1.05
80.6
255
12
0.68
1.2
80.6
160
12
0.68
1.8
40.2
31.6
12
0.82
2.5
40.2
18.7
12
0.82
3.3
20
6.34
22
1
5
20
3.74
22
1.5
Selecting the Inductor
A 0.47µH to 4.7µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current is recommended for most
applications. For highest efficiency, the inductor
DC resistance should be less than 15mΩ. For
most designs, the inductance value can be
derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose inductor current to be approximately
30% of the maximum load current. The maximum
inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Setting the AAM Voltage
The AAM voltage is used to setting the transition
point from AAM to PWM. It should be chosen to
provide the best combination of efficiency,
stability, ripple, and transient.
If the AAM voltage is set lower, then stability and
ripple improves, but efficiency during AAM mode
and transient degrades. Likewise, if the AAM
voltage is set higher, then the efficiency during
AAM and transient improves, but stability and
ripple degrades. So the optimal balance point of
AAM voltage for good efficiency, stability, ripple
and transient should be found out.
Adjust the AAM threshold by connecting a
resistor from AAM pin to ground. Take Figure 6
as reference. An internal 6.2µA current source
charges the external resistor.
Figure 6: AAM Network
Generally, R3 is then given by:
VAAM=R3 x 6.2uA
The optimized AAM can be got from Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com