Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2316 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2316
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2316 Datasheet HTML 8Page - Monolithic Power Systems MP2316 Datasheet HTML 9Page - Monolithic Power Systems MP2316 Datasheet HTML 10Page - Monolithic Power Systems MP2316 Datasheet HTML 11Page - Monolithic Power Systems MP2316 Datasheet HTML 12Page - Monolithic Power Systems MP2316 Datasheet HTML 13Page - Monolithic Power Systems MP2316 Datasheet HTML 14Page - Monolithic Power Systems MP2316 Datasheet HTML 15Page - Monolithic Power Systems MP2316 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
12
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP2316 is a fully-integrated, synchronous,
rectified, step-down switch converter. The device
uses constant-on-time (COT) control to provide
fast
transient
response
and
easy
loop
compensation. Figure 2 shows the simplified
ramp compensation block in MP2316, at the
beginning of each cycle, the high-side MOSFET
(HS-FET) turns ON whenever the ramp voltage
(VRamp) is lower than the error amplifier output
voltage
(VEAO)—which
indicates
insufficient
output voltage. The input voltage and the
frequency-set resistor determine the high-side
MOSFET turn-on timer (TON).
After the ON period elapses, the HS-FET enters
the OFF state. By cycling HS-FET between the
ON and OFF states, the converter regulates the
output voltage. The integrated low-side MOSFET
(LS-FET) turns on when the HS-FET is in its OFF
state to minimize the conduction loss.
Shoot-through occurs when there is both HS-FET
and LS-FET are turned on at the same time,
causing a dead short between input and GND.
Shoot-through dramatically reduces efficiency,
and the MP2316 avoids this by internally
generating a dead-time (DT) between HS-FET is
off and LS-FET is on, LS-FET is off and HS-FET
is on. The device enters either heavy-load
operation or light-load operation depending on
the output current.
Figure 2—Simplified Ramp Compensation
Block
MODE Selection
As shown in Figure 3, connecting a resistor (R6)
from FREQ/MODE pin to VIN can set the
switching frequency and meanwhile, the part will
work at forced PWM mode. Connect a resistor
(R7) from FREQ/MODE pin to GND can set the
switching frequency and meanwhile the part
works at auto PFM/PWM mode.
Figure 3—Mode Selection
Switching Frequency
MP2316 uses constant-on-time (COT) control
and there is no dedicated oscillator in the IC. The
input voltage is feed-forwarded to the on-time
one-shot timer through the frequency resistor, the
duty ratio is kept as VOUT/VIN, and the switching
frequency is fairly constant over the input voltage
range.
The
approximate
typical
switching
frequency can be determined with the following
equation:
6
SW
IN
on
OUT
10
F(KHz)
V(V)
T(ns)
V(V)
(1)
TON will be slightly different at Forced PWM mode
and Auto PFM/PWM mode.
The approximate
typical Ton formula is shown below:
Forced PWM mode:
FREQ
ON _ PWM
DELAY _ PWM
IN
14.5 R
(k )
TT
(ns)
V(V) 0.4

(2)
Auto PFM/PWM mode,
FREQ
ON _ PFM
DELAY _ PFM
IN
13 R
(k )
TT
(ns)
V(V) 0.4

(3)
Where TDELAY_PWM and TDELAY_PFM are the
comparator delay, and the typical value equals
approximately 15ns and 10ns respectively
When part enters CCM mode, the duty ratio will
change slightly from light load to full load due to
power loss. So the frequency will change a little
from light load to full load even in CCM mode.
Because of the minimum on time and minimum
off time, switching frequency is limited. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com