Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2316 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2316
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2316 Datasheet HTML 9Page - Monolithic Power Systems MP2316 Datasheet HTML 10Page - Monolithic Power Systems MP2316 Datasheet HTML 11Page - Monolithic Power Systems MP2316 Datasheet HTML 12Page - Monolithic Power Systems MP2316 Datasheet HTML 13Page - Monolithic Power Systems MP2316 Datasheet HTML 14Page - Monolithic Power Systems MP2316 Datasheet HTML 15Page - Monolithic Power Systems MP2316 Datasheet HTML 16Page - Monolithic Power Systems MP2316 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
13
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
maximum frequency can be calculated by the
following equations, choose the lower value of
them as the maximum frequency:
6
SW-max
IN
on-min
OUT
10
F(KHz)
V(V)
T(ns)
V(V)
(4)
6
IN
OUT
SW-max
off-min
IN
(V (V)-V (V)) 10
F(KHz)
T(ns) V (V)
(5)
Where Ton-min typical value is 90ns and Toff-
min typical value is 150ns.For example, VIN=12V,
Vout=1.2V, the maximum frequency we can set
is about 1.1MHz. MP2316 is optimized to operate
at high switching frequency with high efficiency.
High switching frequency makes it possible to
use small-sized LC filter components to save
system PCB space.
Forced PWM Operation
Whenever V
RAMP drops
below V
EAO, the HS-FET
is turned ON
V
IN
T
ON is constant
V
RAMP
V
EAO
I
OUT
V
SW
HS-FET
Driver
LS-FET
Driver
I
L
Figure 4—Force PWM Operation
When the MP2316 works in Forced PWM, the
MP2316 enters continuous-conduction mode
(CCM) where the HS-FET and LS-FET repeat
the on/off operation, even if the inductor current
goes to zero or negative value. The switching
frequency (FSW) is fairly constant. Figure 4 shows
the timing diagram during this operation.
Light-Load Operation
When the MP2316 works in auto PFM/PWM
mode and during light-load operation—the
MP2316 automatically reduces the switching
frequency to maintain high efficiency, and the
inductor current drops near zero. When the
inductor current reaches zero, the LS-FET driver
goes into tri-state (high Z). Hence, the output
capacitors discharge slowly to GND through LS-
FET, R1, and R2. This operation greatly
improves device efficiency when the output
current is low.
Figure 5—Light Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently as during heavy-load conditions. The
frequency at which the HS-FET turns on is a
function of the output current—as the output
current increases, the time period that the current
modulator regulates becomes shorter, and the
HS-FET turns on more frequently. The switching
frequency increases in turn. The output current
reaches the critical level when the current
modulator time is zero, and can be determined
using the following equation:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V

 
(6)
The device reverts to PWM mode once the
output current exceeds the critical level. After that,
the switching frequency stays fairly constant over
the output current range.
Application When Input Voltage is Close to
Output Voltage.
MP2316 extends the on time when output
voltage loses regulation when input voltage is
close to output voltage. The switching frequency
drops correspondingly in order to achieve larger
duty cycle to keep output regulated. If the Vin is
very close to Vout, Ton extension circuit will force
MP2316 working in PWM mode with higher than
expected frequency. Increasing Vin to certain
level, part will exit this mode. Refer to Figure 6,
MP2316 can work at auto PFM/PWM mode when
Vin is above the curve. If auto PFM/PWM mode
is required at input voltage below the curve, use
Enable startup instead of input voltage startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com