Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFS3607 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # AUIRFS3607
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIRFS3607 Datasheet(HTML) 2 Page - Infineon Technologies AG

  AUIRFS3607 Datasheet HTML 1Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 2Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 3Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 4Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 5Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 6Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 7Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 8Page - Infineon Technologies AG AUIRFS3607 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
AUIRFS/SL3607
2
2016-2-12
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.12mH, RG = 25, IAS = 46A, VGS =10V. Part not recommended for use above this value.
ISD 46A, di/dt 1920A/µs, VDD V(BR)DSS, TJ  175°C.
Pulse width
400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994
Ris measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.096 –––
V/°C Reference to 25°C, ID = 5mA 
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.34
9.0
m
 VGS = 10V, ID = 46A 
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 100µA
gfs
Forward Trans conductance
115
–––
–––
S
VDS = 50V, ID = 46A
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
VDS = 75V, VGS = 0V
–––
–––
250
VDS = 60V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA  
VGS = 20V
 
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Qg
Total Gate Charge
–––
56
84
nC  
ID = 46A
Qgs
Gate-to-Source Charge
–––
13
–––
VDS = 38V
Qgd
Gate-to-Drain Charge
–––
16
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
40
–––
RG
Internal Gate Resistance
–––
0.55
–––

td(on)
Turn-On Delay Time
–––
16
–––
ns
VDD = 49V
tr
Rise Time
–––
110
–––
ID = 46A
td(off)
Turn-Off Delay Time
–––
43
–––
RG= 6.8
tf
Fall Time
–––
96
–––
VGS = 10V
Ciss
Input Capacitance
–––
3070 –––
pF  
VGS = 0V
Coss
Output Capacitance
–––
280
–––
VDS = 50V
Crss
Reverse Transfer Capacitance
–––
130
–––
ƒ = 1.0MHz, See Fig. 5
Coss eff.(ER)
Effective Output Capacitance (Energy Related)
–––
380
–––
VGS = 0V, VDS = 0V to 60V
Coss eff.(TR)
Effective Output Capacitance (Time Related)
–––
610
–––
VGS = 0V, VDS = 0V to 60V
Diode Characteristics  
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
80
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
310
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C,IS = 46A,VGS = 0V 
trr
Reverse Recovery Time
–––
33
50
ns
TJ = 25°C
VDD = 64V
–––
39
59
TJ = 125°C
IF = 46A,
Qrr
Reverse Recovery Charge
–––
32
48
nC
TJ = 25°C
di/dt = 100A/µs 
–––
47
71
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
1.9
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com