Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2319 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2319
Description  3A, 18V, 650kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2319 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2319 Datasheet HTML 8Page - Monolithic Power Systems MP2319 Datasheet HTML 9Page - Monolithic Power Systems MP2319 Datasheet HTML 10Page - Monolithic Power Systems MP2319 Datasheet HTML 11Page - Monolithic Power Systems MP2319 Datasheet HTML 12Page - Monolithic Power Systems MP2319 Datasheet HTML 13Page - Monolithic Power Systems MP2319 Datasheet HTML 14Page - Monolithic Power Systems MP2319 Datasheet HTML 15Page - Monolithic Power Systems MP2319 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2319
– 18V, 3A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2319 Rev. 1.0
www.MonolithicPower.com
12
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2319 is fully integrated, synchronous,
rectified, step-down, switch-mode converter.
Constant-on-time (COT) control is employed to
provide a fast transient response and ease loop
stabilization. Figure 2 shows the simplified ramp
compensation block in the MP2319.
At the beginning of each cycle, the high-side
MOSFET (HS-FET) is turned on when the
feedback voltage (VFB) is below the reference
voltage
(VREF), which
indicates
insufficient
output voltage. The on period is determined by
both the output voltage and input voltage to
make the switching frequency fairly constant
over the input voltage range.
After the on period elapses, the HS-FET is
turned off or enters an off state. It is turned on
again when VFB drops below VREF. By repeating
this operation, the converter regulates the
output
voltage.
The
integrated
low-side
MOSFET (LS-FET) is turned on when the HS-
FET is in its off state to minimize conduction
loss. There is a dead short between the input
and GND if both the HS-FET and LS-FET are
turned on at the same time. This is called a
shoot-through. To prevent a shoot-through, a
dead time (DT) is generated internally between
HS-FET off and LS-FET on, or LS-FET off and
HS-FET on.
Internal compensation is applied for COT
control to provide a more stable operation, even
when ceramic capacitors are used as output
capacitors.
This
internal
compensation
improves jitter performance without affecting
the line or load regulation.
VOUT
L
Cout
RESR
R1
R2
On
Timer
Logic
Control
REF
SW
RAMP
FB
RAMP
GENERATOR
PWM
Figure 2: Simplified Ramp Compensation Block
Heavy-Load Operation
Continuous conduction mode (CCM) occurs
when the output current is high, and the
inductor current is always above zero amps
(see Figure 3). When VFB is below VEAO, the
HS-FET is turned on for a fixed interval
determined by the one-shot on-timer. When the
HS-FET is turned off, the LS-FET is turned on
until the next period.
Figure 3: Heavy-Load Operation
In CCM operation, the switching frequency is
fairly
constant.
This
is
called
pulse-width
modulation (PWM) mode.
Light-Load Operation
When the MP2319 works in pulse-frequency
modulation (PFM) and light-load operation, the
MP2319
reduces
the
switching
frequency
automatically to maintain high efficiency, and
the inductor current drops almost to zero. When
the inductor current reaches zero, the LS-FET
driver goes into tri-state (Hi-Z) (see Figure 4).
Therefore, the output capacitors discharge
slowly to GND through R1 and R2. This
operation improves the device efficiency greatly
when the output current is low.
VEAO
VOUT
VIN
TON is constant
IL
VSW
VRAMP
IOUT
Figure 4: Light-Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com