Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2319 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2319
Description  3A, 18V, 650kHz, High-Efficiency, Synchronous, Step-Down Converter in 8-Pin TSOT23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2319 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2319 Datasheet HTML 9Page - Monolithic Power Systems MP2319 Datasheet HTML 10Page - Monolithic Power Systems MP2319 Datasheet HTML 11Page - Monolithic Power Systems MP2319 Datasheet HTML 12Page - Monolithic Power Systems MP2319 Datasheet HTML 13Page - Monolithic Power Systems MP2319 Datasheet HTML 14Page - Monolithic Power Systems MP2319 Datasheet HTML 15Page - Monolithic Power Systems MP2319 Datasheet HTML 16Page - Monolithic Power Systems MP2319 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2319
– 18V, 3A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2319 Rev.1.0
www.MonolithicPower.com
13
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently as it does in heavy-load conditions.
The frequency at which the HS-FET turns on is
a function of the output current. As the output
current increases, the time period that the
current modulator regulates becomes shorter,
and the HS-FET turns on more frequently. The
switching frequency increases in turn. The output
current reaches critical levels when the current
modulator time is zero, and can be determined
with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2 L F
V

 
(1)
The device reverts to PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
Enable (EN)
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator; drive EN low to turn off the
regulator. When floating, EN is pulled down to
GND by an internal 1.1M
Ω resistor. EN can be
connected directly to VIN. EN supports an 18V
input range.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP2319 UVLO comparator monitors the
output voltage of the internal regulator (VCC).
The UVLO rising threshold is about 3.85V,
while its falling threshold is 3.18V consistently.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates a soft-start voltage (SS) that ramps
up from 0V to 1.2V. When SS is lower than
REF, SS overrides REF so the error amplifier
uses SS as the reference. When SS exceeds
REF, the error amplifier uses REF as the
reference. The SS time is set to 0.8ms
internally.
Power Good (PG) Indicator
The MP2319 uses a power good (PG) output to
indicate whether the output voltage of the
module is ready or not. PG is an open-drain
output. Connect PG to VCC or another voltage
source through a pull-up resistor (e.g.:
100kΩ).
When input voltage is applied, PG is pulled
down to GND before the internal VSS > 1V. After
VSS > 1V, when VFB is above 91.5% of VREF, PG
is pulled high after a 56µs delay. During normal
operation, PG is pulled low when VFB drops
below 81% of VREF after a 40µs delay.
When UVLO or OTP occurs, PG is pulled low
immediately. When over-current (OC) occurs,
PG is pulled low when VFB drops below 81% of
VREF after a 40µs delay. PG is pulled low to
indicate output over-voltage when VFB rises
above 122% of VREF after a 40µs delay. If VFB
falls below 105% after over-voltage protection
(OVP), PG is pulled high after a 56µs delay.
Over-Current Protection (OCP) and Short-
Circuit Protection (SCP)
The MP2319 has a valley limit control. During
the LS-FET on state, the inductor current is
monitored. When the sensed inductor current
reaches the valley current limit, the LS limit
comparator (shown in Figure 1) turns over, and
the MP2319 enters over-current protection
(OCP) mode. The HS-FET waits until the
inductor current falls below the valley current
limit before turning on again. Meanwhile, the
output voltage drops until VFB is below the
under-voltage (UV) threshold, typically 50%
below the reference. Once UV is triggered, the
MP2319 enters hiccup mode to restart the part
periodically.
During OCP, the device attempts to recover
from the over-current fault with hiccup mode.
The MP2319 disables the output power stage,
discharges the soft-start cap, and then tries to
soft-start
automatically.
If
the
over-current
condition still remains after the soft-start ends,
the MP2319 repeats this operation cycle until
the over-current condition is removed, and then
the output rises back to regulation levels. OCP
is a non-latch protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com