Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXU-40C Datasheet(PDF) 5 Page - PAIRUI GROUP INC.

Part # LXU-40C
Description  Constant Current LED Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LXU-40C Datasheet(HTML) 5 Page - PAIRUI GROUP INC.

  LXU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 7Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output current accuracy
±5
%
Line regulation
Vin from 100Vac to 240Vac
3
%
Load regulation
Vout from min. to max.
3
%
Output current overshoot
Turning on
10
%
Turn-on delay time
Cold start, power on
1000
ms
Ripple
(Refer to below note)
Default
Models
No Flicker(with suffix “R”)
50%Io
5%Io
mAp-p
mAp-p
THD
Output load≥60%
20
%
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-1102
www.pairuigroup.com
Page:5/6
PAIRUI ELECTRONICS
Protection
NOTE: The values are measured at 20MHz of bandwidth by using a 12'' twisted pair-wire terminated with
0.1uF & 47uF parallel capacitor under ambient temperature 25℃ at rated input voltage and rated load.
Short circuit
In hiccup mode, it will recover automatically after fault condition is removed
Over
temperature
120℃-160℃
It will recover automatically after the temperature goes down



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com