Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXU-40C Datasheet(PDF) 6 Page - PAIRUI GROUP INC.

Part # LXU-40C
Description  Constant Current LED Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LXU-40C Datasheet(HTML) 6 Page - PAIRUI GROUP INC.

  LXU-40C Datasheet HTML 1Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 2Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 3Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 4Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 5Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 6Page - PAIRUI GROUP INC. LXU-40C Datasheet HTML 7Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Environment
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Ambient operating
temperature
Startup at rated voltage
-25
+70
℃
Operating relative humidity
Non condensing
20
90
%
Storage
temperature
Humidity 10 ~ 95% RH
-
40
+
80
℃
Maximum case temperature
Hot
-spotoncase
+
75
℃
MTBF
Full
load, 220Vac input, 25℃ambient
temperature
230
Khrs
Waterproof rating
IP20
Dimension(LxWxH)
122.0 x 43.0 x 30.0mm
Weight
270g
Safety/EMC
Safety
Design refer to EN61347-1, EN61347-2-13
EMC
Compliance to EN55015, FCC Part 15 Class B, EN61000-3-2, EN61000-3-3,
EN61000-4-2, 3, 4, 5, 6, 8, 11, EN61547
NOTE: Unless otherwise specified, all the above parameters are measured at ambient temperature of
25℃
andVin=100Vac to 240Vac.
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-1102
www.pairuigroup.com
Page:5/6
PAIRUI ELECTRONICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com