Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUWW5KM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUWW5KM
Description  white SMD package, colorless clear silicone resin with ARGUS짰 optic; chip level conversion
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5KM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUWW5KM Datasheet HTML 8Page - OSRAM GmbH LUWW5KM Datasheet HTML 9Page - OSRAM GmbH LUWW5KM Datasheet HTML 10Page - OSRAM GmbH LUWW5KM Datasheet HTML 11Page - OSRAM GmbH LUWW5KM Datasheet HTML 12Page - OSRAM GmbH LUWW5KM Datasheet HTML 13Page - OSRAM GmbH LUWW5KM Datasheet HTML 14Page - OSRAM GmbH LUWW5KM Datasheet HTML 15Page - OSRAM GmbH LUWW5KM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2010-02-15
12
LUW W5KM
Empfohlenes Lötpaddesign
8) Seite 17
Selektivlöten
Recommended Solder Pad
8) page 17
selective soldering
Anm.: Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning
Thermal enhanced PCB
Thermisch optimiertes PCB
2 Lötstellen
2 solder points
2.3 (0.091)
13.0 (0.512)
ø4.0 (0.157)
Heatsink attach
13.0 (0.512)
ø4.0 (0.157)
Kupfer
Copper
2.3 (0.091)
OHPY2988
Lötstopplack
Solder resist
Bare Copper
Freies Kupfer
Geeignete thermische Anbindung notwendig
Appropriate thermal connecting necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com