Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8845C Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8845C
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845C Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8845C Datasheet HTML 1Page - Monolithic Power Systems MP8845C Datasheet HTML 2Page - Monolithic Power Systems MP8845C Datasheet HTML 3Page - Monolithic Power Systems MP8845C Datasheet HTML 4Page - Monolithic Power Systems MP8845C Datasheet HTML 5Page - Monolithic Power Systems MP8845C Datasheet HTML 6Page - Monolithic Power Systems MP8845C Datasheet HTML 7Page - Monolithic Power Systems MP8845C Datasheet HTML 8Page - Monolithic Power Systems MP8845C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
3
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA=25
oC, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
6
V
Quiescent Current
(5)
IQ
Io=0A, switching, PWM mode
18
mA
Shut Down Current
IS
VEN=GND, VIN=4.2V
10
μA
Internal Reference Voltage
VREF
TA=25
oC
0.594
0.6
0.606
V
Lowest Output Voltage
VLOW
Register = 00h
0.594
0.6
0.606
V
Highest Output Voltage
VHIGH
Register = 7Fh
1.435
1.45 1.465
V
Output Voltage Step
VSTEP
6.69
mV
High Side Switch On Resistance
RHSON
32
mΩ
Low Side Switch On Resistance
RLSON
17
mΩ
UVLO Rising Threshold
VUVLOR
2.45
2.55
V
UVLO Hysteretic
VUVLOHY
200
mV
Switching Frequency Range
FSW
1
2.2
MHz
Frequency Variation
FSW
20%
Minimum On Time
(5)
TMINON
60
ns
Switch Leakage
ISW
VEN=0V, VIN=5V, VSW=0V and 5V
1
uA
EN leakage Current
IEN
VIN=VEN=4.2V
1
uA
EN pull up resistance
REN
VEN=0V
1
MOhm
EN Logic Low Voltage
VENH
0.4
V
EN Logic High Voltage
VENL
1.8
V
High Side Switch Peak Current
Limit (source)
Ipeak
6
7.5
9
A
High Side Switch Valley Current
Limit
(5)
Ivalley
5.8
A
Low Side Switch Current Limit
(sink)
(5)
-5
A
Soft-Start Time
TSS-ON From VEN on to VO rise to 90%
target value
0.4
ms
Thermal Warning
(5)
130
°C
Thermal Shutdown
(5)
150
°C
DAC Resolution
7
Bits
Note:
5) Not production tested; guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com