Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8845C Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8845C
Description  5A High Efficient Synchronous Step-Down Switchers with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845C Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8845C Datasheet HTML 1Page - Monolithic Power Systems MP8845C Datasheet HTML 2Page - Monolithic Power Systems MP8845C Datasheet HTML 3Page - Monolithic Power Systems MP8845C Datasheet HTML 4Page - Monolithic Power Systems MP8845C Datasheet HTML 5Page - Monolithic Power Systems MP8845C Datasheet HTML 6Page - Monolithic Power Systems MP8845C Datasheet HTML 7Page - Monolithic Power Systems MP8845C Datasheet HTML 8Page - Monolithic Power Systems MP8845C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP8845C – 5A HIGH EFFICIENT SYNC. STEP DOWN SWITCHER WITH I2C
MP8845C Rev. 1.02
www.MonolithicPower.com
4
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
I/O LEVEL CHARACTERISTICS
Parameter
Symbol
Condition
HS-Mode
LS-Mode
Units
Min
Max
Min
Max
Low-level input voltage
VIL
-0.5
0.3Vcc
-0.5
0.3Vcc
V
High-level input voltage
VIH
0.7Vcc
Vcc+0.5
0.7Vcc Vcc+0.5
V
Hysteresis of Schmitt
trigger inputs
VHYS
Vcc>2V
0.05Vcc
-
0.05Vcc
-
V
Vcc<2V
0.1Vcc
-
0.1Vcc
-
Low-level output
voltage(Open drain) at
3mA sink current
VOL
Vcc>2V
0
0.4
0
0.4
V
Vcc<2V
0
0.2Vcc
0
0.2Vcc
Low-level output current
IOL
-
3
-
3
mA
Transfer gate on
resistance for currents
between SDA and
SCAH, or SCL and
SCLH
RonL
VOL level, IOL=3mA
-
50
-
50
Ω
Transfer gate on
resistance between SDA
and SCAH, or SCL and
SCLH
RonH
Both signals (SDA and
SDAH, or SCL and
SCLH) at Vcc level
50
-
50
-
kΩ
Pull-up current of the
SCLH current source
Ics
SCLH output levels
between 0.3Vcc and
0.7Vcc
2
6
2
6
mA
Rise time of the SCLH or
SCL signal
trCL
Output rise time
(current source
enabled) with an
external pull-up current
source of 3mA
Capacitive load from
10pF to 100pF
10
40
ns
Capacitive load of
400pF
20
80
ns
Fall time of the SCLH or
SCL signal
tfCL
Output fall time
(current source
enabled) with an
external pull-up current
source of 3mA
Capacitive load from
10pF to 100pF
10
40
ns
Capacitive load of
400pF
20
80
20
250
ns
Rise time of SDAH signal
trDA
Capacitive load from
10pF to 100pF
10
80
-
-
ns
Capacitive load of
400pF
20
160
20
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com