Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4124 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBT4124
Description  25V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT4124 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBT4124 Datasheet HTML 1Page - Diodes Incorporated MMBT4124 Datasheet HTML 2Page - Diodes Incorporated MMBT4124 Datasheet HTML 3Page - Diodes Incorporated MMBT4124 Datasheet HTML 4Page - Diodes Incorporated MMBT4124 Datasheet HTML 5Page - Diodes Incorporated MMBT4124 Datasheet HTML 6Page - Diodes Incorporated MMBT4124 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT4124
Document number: DS30105 Rev. 13- 2
4 of 7
www.diodes.com
April 2016
© Diodes Incorporated
MMBT4124
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
30
-
V
IC = 10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
25
-
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
5.0
-
V
IE = 10μA, IC = 0
Collector-Base Cut-off Current
ICBO
-
50
nA
VCB=20V, IE = 0
Emitter Base Cut-off Current
IEBO
-
50
nA
VEB=3.0V, IC = 0
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
120
60
360
-
-
IC = 2mA, VCE = 1.0V
IC = 50mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(sat)
-
0.30
V
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-
0.95
V
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
-
4.0
pF
VCB = 5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
-
8.0
pF
VEB = 0.5V, f = 1.0MHz, IC = 0
Small Signal Current Gain
hfe
120
480
-
VCE = 1.0V, IC = 2.0mA,
f = 1.0kHz
Current Gain-Bandwidth Product
fT
300
-
MHz
VCE = 20V, IC = 10mA,
f = 100MHz
Note:
9.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com