Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4124 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT4124
Description  25V NPN SMALL SIGNAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT4124 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT4124 Datasheet HTML 1Page - Diodes Incorporated MMBT4124 Datasheet HTML 2Page - Diodes Incorporated MMBT4124 Datasheet HTML 3Page - Diodes Incorporated MMBT4124 Datasheet HTML 4Page - Diodes Incorporated MMBT4124 Datasheet HTML 5Page - Diodes Incorporated MMBT4124 Datasheet HTML 6Page - Diodes Incorporated MMBT4124 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MMBT4124
Document number: DS30105 Rev. 13- 2
1 of 7
www.diodes.com
April 2016
© Diodes Incorporated
MMBT4124
25V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Features
BVCEO > 25V
IC = 200mA High Collector Current
Complementary PNP Type: MMBT4126
Ideal for Medium Power Amplification and Switching
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Product
Status
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
MMBT4124-7-F
Active
AEC-Q101
K1B
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2014
2015
2016
2017
2018
2019
2020
2021
Code
B
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Device Symbol
Top View
Pin-Out
K1N = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: D = 2016)
M or M = Month (ex: 9 = September)
C
E
B
SOT23
K1B


Similar Part No. - MMBT4124

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT4124 TRSYS-MMBT4124 Datasheet
158Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBT4124 SAMSUNG-MMBT4124 Datasheet
30Kb / 1P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT4124 FAIRCHILD-MMBT4124 Datasheet
93Kb / 2P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
logo
Fairchild Semiconductor
MMBT4124 FAIRCHILD-MMBT4124 Datasheet
97Kb / 7P
NPN General Purpose Amplifier
More results

Similar Description - MMBT4124

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Diodes Incorporated
MMBT4126 DIODES-MMBT4126_16 Datasheet
345Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMDT4124 DIODES-MMDT4124_16 Datasheet
267Kb / 7P
25V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 12
MMDT4126 DIODES-MMDT4126_16 Datasheet
231Kb / 6P
25V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 11
MMST4124 DIODES-MMST4124_16 Datasheet
296Kb / 7P
25V NPN SMALL SIGNAL TRANSISTOR
Rev 10
MMST4126 DIODES-MMST4126_16 Datasheet
360Kb / 6P
25V PNP SMALL SIGNAL TRANSISTOR
Rev 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com