Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ6411GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ6411GS
Description  Windowed Watchdog Timer AEC-Q100 Qualified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6411GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ6411GS Datasheet HTML 1Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 2Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 3Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 4Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 5Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 6Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 7Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 8Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MPQ6411―WINDOWED WATCHDOG TIMER, AEC-Q100 QUALIFIED
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ6411 Rev. 1.1
www.MonolithicPower.com
4
6/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5V for MPQ6411, VCC = 3.3V for MPQ6411-33, TJ = - 40C to +125C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Timer voltage
RTIMER = 51k
0.3
V
Quiescent current
IQ
MPQ6411, RTIMER = 100k
16
19
µA
MPQ6411-33, RTIMER = 100k
10
14
MPQ6411, RTIMER = 51k
25
32
µA
MPQ6411-33, RTIMER = 51k
14
18
Power on reset
threshold
VPOR-HIGH
MPQ6411,
WDO goes high with rising VCC
4.4
4.6
4.8
V
MPQ6411-33,
WDO goes high with rising VCC
2.9
3
3.1
VPOR-LOW
MPQ6411,
WDO goes low with falling VCC
4.3
4.5
4.7
V
MPQ6411-33,
WDO goes low with falling VCC
2.8
2.9
3
Timing
Single period
T
RTIMER = 51k
-10%
880
+10%
µs
Power on delay
(4)
t0
RTIMER = 51k
10
cycle
Sync signal monitoring
time
(4)
t1
RTIMER = 51k
450
cycle
Watchdog window close
time (short mode)
(4)
t2
RTIMER = 51k, MODE = low
15
cycle
Watchdog window open
time (short mode)
(4)
t3
RTIMER = 51k, MODE = low
10
cycle
Watchdog window close
time (long mode)
(4)
t4
RTIMER = 51k, MODE = high
1500
cycle
Watchdog window open
time (long mode)
(4)
t5
RTIMER = 51k, MODE = high
1000
cycle
WDO reset pulse
width
(4)
t6
RTIMER = 51k
4
cycle
WDI_OK pulse width
10
5000
μs
Input and Output
WDI logic high
MPQ6411
3.2
V
MPQ6411-33
2.1
WDI logic low
MPQ6411
0.8
V
MPQ6411-33
0.6
MODE logic high
MPQ6411
3.2
V
MPQ6411-33
2.1
MODE logic low
MPQ6411
0.8
V
MPQ6411-33
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com