Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ6411GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ6411GS
Description  Windowed Watchdog Timer AEC-Q100 Qualified
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ6411GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ6411GS Datasheet HTML 1Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 2Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 3Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 4Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 5Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 6Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 7Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 8Page - Monolithic Power Systems MPQ6411GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPQ6411―WINDOWED WATCHDOG TIMER, AEC-Q100 QUALIFIED
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ6411 Rev. 1.1
www.MonolithicPower.com
5
6/16/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VCC = 5V for MPQ6411, VCC = 3.3V for MPQ6411-33, TJ = - 40C to +125C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
MODE input Current
MPQ6411, MODE = 5V
0.1
1
μA
MPQ6411-33, MODE = 3.3V
MPQ6411, MODE = 0V
5
8
μA
MPQ6411-33, MODE = 0V
3.3
6
/WD_DIS logic high
MPQ6411
3.2
V
MPQ6411-33
2.1
/WD_DIS logic low
MPQ6411
0.8
V
MPQ6411-33
0.6
/WD_DIS input Current
MPQ6411, WD_DIS = 5V
0.1
1
μA
MPQ6411-33, WD_DIS = 3.3V
MPQ6411, WD_DIS = 0V
5
8
μA
MPQ6411-33, WD_DIS = 0V
3.3
6
WDO high
MPQ6411,
VCC = 5V, IWDO = 1mA
VCC-0.2
V
MPQ6411-33,
VCC=3.3V,RPull-Up=100K
3.29
WDO low
MPQ6411,
VCC = 5V, IWDO = 1mA
0.2
V
MPQ6411,
VCC = 1V, IWDO = 300µA
0.1
MPQ6411-33,
Sink 1mA Current
0.1
Notes:
4) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com