Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2013 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2013 Datasheet HTML 1Page - Monolithic Power Systems MP2013 Datasheet HTML 2Page - Monolithic Power Systems MP2013 Datasheet HTML 3Page - Monolithic Power Systems MP2013 Datasheet HTML 4Page - Monolithic Power Systems MP2013 Datasheet HTML 5Page - Monolithic Power Systems MP2013 Datasheet HTML 6Page - Monolithic Power Systems MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
ELECTRICAL CHARACTERISTICS
VOUT(NOM) = 5V (VIN
≥6V) or FB (V
IN<6V), IOUT = 1mA, COUT
= 1μF, T
J = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
2.5
40
V
Output Voltage range
VOUT
1.215
15
V
GND Pin Current
IGND
MP2013
0<IOUT<1mA,
VIN=2.5V to 40V
3.2
7.2
µA
1mA<IOUT<30mA,
VIN=2.5V to 15V
14
18
30mA<IOUT<150mA,
VIN=3V to 6V
35
50
MP2013-33
0<IOUT<1mA,
VIN=4.3V to 40V
4.4
8
1mA<IOUT<30mA,
VIN=4.3V to 15V
15
19
30mA<IOUT<150mA,
VIN=4.3V
35
50
Load Current Limit
ILIMIT
VOUT = 0V,
VIN=6V to 15V
180
270
400
mA
Output Voltage Accuracy
MP2013-33, VIN=4.3V, IO=0
3.234
3.3
3.366
V
FB Voltage
VFB
FB = OUT, VIN=5V
1.191
1.215
1.239
V
Dropout Voltage
VIN=VOUT(NOM)-0.1V
VDROPOUT
MP2013, ILOAD = 150mA,
VOUT(NOM)=5V
620
900
mV
MP2013-33, ILOAD = 150mA
740
900
FB Pin Input Current
IFB
MP2013, VFB = 1.3V,
VIN=6V,OUT floating
–50
+4
+50
nA
MP2013-33,VFB = 1.3V,
VIN=6V,OUT floating
0.98
1.25
1.52
μA
Line Regulation
(6)
VIN = 2.5 to 40V,
ILOAD = 1mA, OUT = FB
0.01
0.05
%/V
Load Regulation
(7)
MP2013, ILOAD = 100
μA to 150mA,
OUT = FB, VIN=3V to 6V
0.003
0.005
%/mA
MP2013-33,
ILOAD
=
100
μA to
150mA, VIN=4.3V to 6V
0.005
0.01
Output Voltage PSRR
(8)
100Hz, CIN = 100pF, COUT = 4.7
μF
ILOAD=10mA, VIN = 6V
58
dB
1kHz, CIN = 100pF, COUT = 4.7
μF
ILOAD=10mA, VIN = 6V
41
dB
100kHz,CIN = 100pF, COUT = 4.7
μF
ILOAD=10mA, VIN = 6V
55
dB
MP2013 Rev. 1.0
www.MonolithicPower.com
3
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com