Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2013 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2013
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2013 Datasheet HTML 7Page - Monolithic Power Systems MP2013 Datasheet HTML 8Page - Monolithic Power Systems MP2013 Datasheet HTML 9Page - Monolithic Power Systems MP2013 Datasheet HTML 10Page - Monolithic Power Systems MP2013 Datasheet HTML 11Page - Monolithic Power Systems MP2013 Datasheet HTML 12Page - Monolithic Power Systems MP2013 Datasheet HTML 13Page - Monolithic Power Systems MP2013 Datasheet HTML 14Page - Monolithic Power Systems MP2013 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
3)
Connect
IN, OUT
and
especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
R1
R2
C3
C1
IN1
IN2
GND
FB
OUT
VIN
VOUT
C2
MP2013
1
2
3
4
5
IN1
IN2
GND
FB
OUT
R1
R2
C2
C3
C1
GND
OUT
IN
OUT
IN
GND
IN1
OUT
IN2
FB
GND
NC
C1
C3
C2
R1
R2
4
5
6
1
2
3
OUT
IN
GND
NC
IN1
OUT
IN2
FB
6
7
8
1
2
3
4
5
NC
GND
NC
C1
C3
C2
R1
R2
Figure 5: PCB Layout (Top Layer)
DESIGN EXAMPLE
Below
is
a
design
example
following
the
application
guidelines
for
VOUT=3.3V
with
feedforward cap.
R1
R2
C3
C1
IN1
IN2
GND
FB
OUT
VIN
VOUT
1uF
4.7uF
1.72M
Ω
1M
Ω
3.3V
C2
22nF
MP2013
Figure 6: Design Example
MP2013 Rev. 1.0
www.MonolithicPower.com
11
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com