Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2013GG Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2013GG
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013GG Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2013GG Datasheet HTML 1Page - Monolithic Power Systems MP2013GG Datasheet HTML 2Page - Monolithic Power Systems MP2013GG Datasheet HTML 3Page - Monolithic Power Systems MP2013GG Datasheet HTML 4Page - Monolithic Power Systems MP2013GG Datasheet HTML 5Page - Monolithic Power Systems MP2013GG Datasheet HTML 6Page - Monolithic Power Systems MP2013GG Datasheet HTML 7Page - Monolithic Power Systems MP2013GG Datasheet HTML 8Page - Monolithic Power Systems MP2013GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
PIN FUNCTIONS
Pin #
Name Description
TSOT23-5
QFN6
(2x2mm)
QFN8
(3x3mm)
3
1
1
IN1
Input Voltage. Connect a 2.5V to 40V supply to this pin.
2
2
2
IN2
VIN pin to power internal logic. Connect to IN1.
1
3,
exposed
pad
4,
exposed
pad
GND
Ground (the exposed pad and GND pin must be connected to the
same ground plane)
5
4
5
FB
Feedback input pin, regulated to 1.215V nominally. Connected to an
external resistive divider between OUT and GND to set output
voltage. For fixed output version, this pin can be just float.
4
6
8
OUT
Regulated output voltage, only low-
value ceramic capacitor (≥
0.47μF) on output is required for stability.
5
3, 6, 7
NC
No connection. May be left open or tied to Ground for improved
thermal performance.
MP2013 Rev. 1.0
www.MonolithicPower.com
5
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com