Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2013GG Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2013GG
Description  40V, 150mA, Low Quiescent Current Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2013GG Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2013GG Datasheet HTML 6Page - Monolithic Power Systems MP2013GG Datasheet HTML 7Page - Monolithic Power Systems MP2013GG Datasheet HTML 8Page - Monolithic Power Systems MP2013GG Datasheet HTML 9Page - Monolithic Power Systems MP2013GG Datasheet HTML 10Page - Monolithic Power Systems MP2013GG Datasheet HTML 11Page - Monolithic Power Systems MP2013GG Datasheet HTML 12Page - Monolithic Power Systems MP2013GG Datasheet HTML 13Page - Monolithic Power Systems MP2013GG Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP2013 - 40V, 150mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage of the MP2013 by using a
resistor divider as shown:
MP2013
OUT
FB
R1
R2
VOUT
GND
Figure 2: FB Resistor Divider to Set VOUT
Choose
R2=1M
Ω to maintain a 1.215µA
minimum load. Calculate the value for R1 using
the following equation:
−
×
=
1
1.215V
V
R2
R1
OUT
For fixed output version, VOUT also can be
adjusted by adding external resistor divider. Just
note to take internal FB resistor divider into
consideration when choose external divider.
MP2013
OUT
FB
R1
R2
VOUT
GND
R1_IN
R2_IN
Figure 3: FB Divider of Fixed Output Version
The internal FB resistor dividers for different fixed
output versions please see below table.
Table 1: Internal FB Resistor Divider
Fixed Output Voltage
R1_IN
R2_IN
3.3V
1.72M
Ω
1M
Ω
Input Capacitor
For proper operation, place a ceramic capacitor
(C1) between 1µF and 10µF of dielectric type
X5R or X7R between the input pin and ground.
Larger values in this range will help improve line
transient response.
Output Capacitor
For stable operation, use a ceramic capacitor
(C2) of type X5R or X7R between 1µF and 10µF.
Larger values in this range will help improve load
transient response and reduce noise. Output
capacitors of other dielectric types may be used,
but are not recommended as their capacitance
can deviate greatly from their rated value over
temperature.
To improve load transient response, add a small
ceramic (X5R, X7R or Y5V dielectric) 22nF feed
forward capacitor in parallel with R1. The feed
forward capacitor is not required for stable
operation.
OUTPUT NOISE
The MP2013 will exhibit noise on the output
during normal operation. This noise is negligible
for most applications. However, in applications
that include analog-to-digital converters (ADCs)
of more than 12 bits, one needs to consider the
ADC’s power supply rejection specifications. The
feed
forward
capacitor
C2
across
R1
will
significantly reduce the output noise.
PCB LAYOUT GUIDE
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended
to
duplicate
EVB
layout
for
optimum performance.
If change is necessary, please follow these
guidelines and take figure 5 for reference.
1)
Input and output bypass ceramic capacitors
are suggested to be put close to the IN Pin
and OUT Pin respectively.
2)
Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
MP2013 Rev. 1.0
www.MonolithicPower.com
10
4/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com