Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3221 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3221
Description  2.7A, 1.2MHz, High-Efficiency Step-Up Converter With Input Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3221 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3221 Datasheet HTML 1Page - Monolithic Power Systems MP3221 Datasheet HTML 2Page - Monolithic Power Systems MP3221 Datasheet HTML 3Page - Monolithic Power Systems MP3221 Datasheet HTML 4Page - Monolithic Power Systems MP3221 Datasheet HTML 5Page - Monolithic Power Systems MP3221 Datasheet HTML 6Page - Monolithic Power Systems MP3221 Datasheet HTML 7Page - Monolithic Power Systems MP3221 Datasheet HTML 8Page - Monolithic Power Systems MP3221 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP3221
–2.7A, 1.2MHZ, HIGH-EFFICIENCY STEP UP CONVERTER WITH INPUT DISCONNECT
MP3221 Rev. 1.0
www.MonolithicPower.com
3
9/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 3.3V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
IN Under Voltage Lockout
VUVLO
VIN Rising
2.0
2.2
2.4
V
IN
Under
Voltage
Lockout
Hysteresis
225
mV
Shutdown Current
ISD
VEN = 0V
0.15
µA
Quiescent Current
VFB = 0.85V,
No Switching
270
µA
Switching Frequency
fSW
1
1.2
1.4
MHz
Minimum On time
(5)
TON,MIN
80
ns
Maximum Duty Cycle
DMAX
VFB = 0.6V
90
%
EN Input High Voltage
VEN_H
1.3
V
EN Input Low Voltage
VEN_L
0.5
V
EN Input Bias Current
VEN = 5V
4
µA
FB Voltage
VFB
VEN = 5V
0.780
0.796
0.812
V
FB Input Bias Current
VFB = 0.82V
–50
–10
nA
FAULT
Detection
Threshold
Voltage
VFB-AULT
Step-up Converter Fails
110
150
185
mV
FAULT Pull Down Current
IFAULT
85
115
145
µA
FAULT Pin Output Low Voltage
VFB=0.6V, I=30µA
0.3
V
SW On Resistance
RDS (ON)
88
mΩ
SW Current Limit
Duty Cycle = 40%
2.7
3.7
5.2
A
SW Leakage
VSW = 5V
1
µA
Thermal Shutdown
(5)
TSHDN_TH
150
C
Thermal Shutdown Hysteresis
(5)
TSHDN_HYS
20
C
Notes:
5) Guaranteed by engineering sample characterization. not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com