Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3221 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3221
Description  2.7A, 1.2MHz, High-Efficiency Step-Up Converter With Input Disconnect
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3221 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3221 Datasheet HTML 6Page - Monolithic Power Systems MP3221 Datasheet HTML 7Page - Monolithic Power Systems MP3221 Datasheet HTML 8Page - Monolithic Power Systems MP3221 Datasheet HTML 9Page - Monolithic Power Systems MP3221 Datasheet HTML 10Page - Monolithic Power Systems MP3221 Datasheet HTML 11Page - Monolithic Power Systems MP3221 Datasheet HTML 12Page - Monolithic Power Systems MP3221 Datasheet HTML 13Page - Monolithic Power Systems MP3221 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP3221
–2.7A, 1.2MHZ, HIGH-EFFICIENCY STEP UP CONVERTER WITH INPUT DISCONNECT
MP3221 Rev. 1.0
www.MonolithicPower.com
10
9/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP3221 uses a constant frequency, peak
current mode boost regulator architecture to
regulate voltage at the feedback pin.
The
operation
of
the
MP3221
can
be
understood by referring to the block diagram of
Figure 1. At the start of each oscillating cycle
the MOSFET is turned on through the control
circuitry. To prevent sub-harmonic oscillations
at duty cycles greater than 50%, a stabilizing
ramp is added to the output of the current
sense amplifier and the result is fed into the
negative input of the PWM comparator. When
this voltage equals the output voltage of the
error amplifier the power MOSFET is turned off.
The voltage at the output of the error amplifier
is
an
amplified
version
of
the difference
between the band gap reference voltage and
the feedback voltage. In this way the peak
current level keeps the output in regulation. If
the feedback voltage starts to drop, the output
of the error amplifier increases, which results in
more current flow through the power MOSFET,
thus increasing the power delivered to the
output.
Start-Up Sequence
When MP3221 is enabled, the FAULT pin
drives the external Fault Disconnection PMOS
to turn on slowly. After the FAULT pin voltage
drops to VIN -1.8V, parts works and checks all
fault condition, if they are all in function.
MP3221 will boost the output voltage to the
expect voltage controlled by the internal soft
start.
Protection Operation
MP3221 has short-circuit protection function by
turning off the external PMOS after parts
startup. When FB voltage drops to 150mV due
to the SCP occurs or any other factors, FAULT
pin voltage will pull up quickly by MP3221`s
internal logic. Then the PMOS will disconnect to
isolate input and output.
This function won’t act
before VFAULT drop to VIN -1.8V, MP3221 will
also check other safety limits including UVLO
and OTP.
VOUT Disconnect from VIN
To prevent the battery from discharging, the
FAULT pin of MP3221 will drive and turn off the
external PMOS to disconnect VOUT from the
battery when the part is in shut down mode. It
also can disconnect output from input while the
output is shorted to GND, thus help protect
battery and circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com