Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6411GS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6411GS
Description  Windowed Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6411GS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6411GS Datasheet HTML 1Page - Monolithic Power Systems MP6411GS Datasheet HTML 2Page - Monolithic Power Systems MP6411GS Datasheet HTML 3Page - Monolithic Power Systems MP6411GS Datasheet HTML 4Page - Monolithic Power Systems MP6411GS Datasheet HTML 5Page - Monolithic Power Systems MP6411GS Datasheet HTML 6Page - Monolithic Power Systems MP6411GS Datasheet HTML 7Page - Monolithic Power Systems MP6411GS Datasheet HTML 8Page - Monolithic Power Systems MP6411GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP6411―WINDOWED WATCHDOG TIMER
MP6411 Rev. 1.1
www.MonolithicPower.com
3
1/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
VCC
NC
/WD_DIS
TIMER
WDI
WDO
MODE
GND
TOPVIEW
ABSOLUTE MAXIMUM RATINGS (1)
All pins ……………………...............-0.3V to +6V
Continuous power dissipation (TA = +25°C)
(2)
SOIC8
………… ........…………1.3W
Junction temperature…………... …………150°C
Lead temperature ………… ...... …………260°C
Storage temperature………….. -65°C to +150°C
Recommended Operating Conditions
Supply voltage (VCC)
MP6411 …………………………………………5V
MP6411-33 ……………………………………3.3V
Operating junction temp. (TJ) ..... -40°C to 125°C
Thermal Resistance
(3)
θJA
θJC
SOIC-8…..………………………96……45…
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com