Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6411GS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6411GS
Description  Windowed Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6411GS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6411GS Datasheet HTML 3Page - Monolithic Power Systems MP6411GS Datasheet HTML 4Page - Monolithic Power Systems MP6411GS Datasheet HTML 5Page - Monolithic Power Systems MP6411GS Datasheet HTML 6Page - Monolithic Power Systems MP6411GS Datasheet HTML 7Page - Monolithic Power Systems MP6411GS Datasheet HTML 8Page - Monolithic Power Systems MP6411GS Datasheet HTML 9Page - Monolithic Power Systems MP6411GS Datasheet HTML 10Page - Monolithic Power Systems MP6411GS Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP6411―WINDOWED WATCHDOG TIMER
MP6411 Rev. 1.1
www.MonolithicPower.com
7
1/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTION
Pin #
Name
Description
1
WDO
Watchdog output. WDO outputs a reset signal to the MCU.
MP6411 WDO is the output of a inverter, it is not must to connect WDO to VCC or
another voltage source through a resistor.
MP6411-33 WDO is the open drain of a MOSFET and should be connected to VCC
or another voltage source through a resistor (e.g.100kΩ).
2
WDI
Watchdog input. WDI receives the trigger signal from the MCU.
3
MODE
Mode switching pin. Pull MODE high to make the watchdog operate in long window
mode; pull MODE low to make it work in short window mode. MODE has a weak
internal pull-up.
4
GND
Ground.
5
NC
Not connected.
6
VCC
Power input.
7
TIMER
Watchdog timer pin. TIMER sets the time-out with an external resistor
8
/WD_DIS
Watchdog disable pin. Pull /WD_DIS low to disable the watchdog; pull /WD_DIS
high to enable the watchdog. It has a weak internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com