Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8124 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8124
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8124 Datasheet HTML 1Page - Monolithic Power Systems MP8124 Datasheet HTML 2Page - Monolithic Power Systems MP8124 Datasheet HTML 3Page - Monolithic Power Systems MP8124 Datasheet HTML 4Page - Monolithic Power Systems MP8124 Datasheet HTML 5Page - Monolithic Power Systems MP8124 Datasheet HTML 6Page - Monolithic Power Systems MP8124 Datasheet HTML 7Page - Monolithic Power Systems MP8124 Datasheet HTML 8Page - Monolithic Power Systems MP8124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
5
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 3.3V, TJ = -40°C to 125°C. Typical value is tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VOUT = 18V, EXTM = 22kHz,
clamp VOUT to 19V
9
ms
LDO sink current protection
on time
(5)
TSINK_ON
VOUT = 18V, EXTM = 0V,
clamp VOUT to 19V
9
ms
VOUT = 18V, EXTM = 22kHz,
clamp VOUT to 19V
450
ms
LDO sink current protection
off time
(5)
TSINK_OFF
VOUT = 18V, EXTM = 0V,
clamp VOUT to 19V
450
ms
Tone Signal
External tone source
frequency range
(7)
VEXTM-H = 3.3V, VEXTM-L = 0V,
duty = 50%
20
22
24
kHz
Peak-to-peak amplitude
VPP
IOUT = 0 to 500mA
0.45
0.65
0.85
V
Duty cycle
RLOAD = 1kΩ, CLOAD = 0.1μF
40
50
60
%
Rise and fall time
RLOAD = 1kΩ, CLOAD = 0.1μF
5
10
15
μs
Logic Interface
(8) (EN, LINEDROP, 13V/18V, EXTM)
Input logic low voltage
VLI
0.8
V
Input logic high voltage
VHI
2
V
Logic input current
Connect to 5V or 0V
-10
10
μA
NOTES:
5) Guaranteed by characterization test, not tested in production.
6) Can withstand the back voltage for an indefinite period of time. Once the fault condition is removed, the device resumes normal operation.
7) The input tone signal source must be limited in this range to guarantee EXTM function.
8) The input voltage connected to these logic pins should be limited below the absolute maximum ratings and cannot be pulled directly up to
a high voltage through one pull-up resistor. For default high-level input connection, pull LINEDROP and 13V/18V to the BYPASS voltage
and pull EN to VIN through the resistor divider. Refer to Figure 4 on page 20 for connection details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com