Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8124 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8124
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8124 Datasheet HTML 1Page - Monolithic Power Systems MP8124 Datasheet HTML 2Page - Monolithic Power Systems MP8124 Datasheet HTML 3Page - Monolithic Power Systems MP8124 Datasheet HTML 4Page - Monolithic Power Systems MP8124 Datasheet HTML 5Page - Monolithic Power Systems MP8124 Datasheet HTML 6Page - Monolithic Power Systems MP8124 Datasheet HTML 7Page - Monolithic Power Systems MP8124 Datasheet HTML 8Page - Monolithic Power Systems MP8124 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP8124
500mA LNB Power Supply
and Control Regulator
MP8124 Rev. 1.0
www.MonolithicPower.com
1
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8124 is a highly integrated voltage
regulator designed to provide efficient, low-
noise power and interface signals to the low-
noise block (LNB) of a satellite receiver. It
provides a 22kHz tone signal output, which is
compatible with DiSEqC 1.x.
The MP8124 integrates a current-mode boost
regulator followed by a tracking linear regulator.
Also, it has output voltage selection and a
22kHz tone shaper from an external signal.
The boost regulator provides a clean power
source, which is 1V higher than the final output
voltage while the tracking linear regulator
protects the output against overloads and
shorts.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
boost over-voltage protection (OVP), and over-
temperature protection (OTP), offering a simple
solution with a low component count and high
efficiency.
The MP8124 is available in a 14-pin QFN
(2mmx3mm) package.
FEATURES
• Compatible with DiSEqC 1.x
• 600mA Accurate Current Limit
• 8V to 14V Input Voltage
• 40V VOUT Rating
• Low-Noise LDO Output
• High Efficiency at Light Load: >85% at a
40mA Load
• High Frequency for Small Component Sizes
• Built-In 22kHz Signal Shaper
• Selectable Output Voltage
• Over-Current Protection (OCP) Short-Circuit
Protection (SCP)
• Boost Over-Voltage Protection (OVP)
• Over-Temperature Protection (OTP)
• Available
in
a
QFN-14
(2mmx3mm)
Package
APPLICATIONS
• LNB Power Supply and Control for Satellite
Set-Top Boxes
• TV Satellite Receivers
• PC Card Satellite Receivers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VDD
VBOOST
BST
AGND
SW
VOUT
PGND
LINEDROP
EN
EXTM
C1
C2
L1
D1
C3
C4
VIN
8V -14V
Vout
13V/18V
COMP
R1
C7
BYPASS
C5
TCAP
C6


Similar Part No. - MP8124

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8124GD MPS-MP8124GD Datasheet
1,007Kb / 9P
500mA, LNB Power Supply and Control Regulator Evaluation Board
More results

Similar Description - MP8124

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
09-Nov-2004
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
Dual LNB Supply and Control Voltage Regulator
February 15, 2012
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
LNB Supply and control voltage regulator
20-Sep-2006
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
LNB Supply and Control Voltage Regulator
logo
Monolithic Power System...
EV8124-D-00A MPS-EV8124-D-00A Datasheet
1,007Kb / 9P
500mA, LNB Power Supply and Control Regulator Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com