Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4050M013TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4050M013TR
Description  HEX BUFFER/CONVERTER (NON INVERTING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4050M013TR Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4050M013TR Datasheet HTML 1Page - STMicroelectronics HCF4050M013TR Datasheet HTML 2Page - STMicroelectronics HCF4050M013TR Datasheet HTML 3Page - STMicroelectronics HCF4050M013TR Datasheet HTML 4Page - STMicroelectronics HCF4050M013TR Datasheet HTML 5Page - STMicroelectronics HCF4050M013TR Datasheet HTML 6Page - STMicroelectronics HCF4050M013TR Datasheet HTML 7Page - STMicroelectronics HCF4050M013TR Datasheet HTML 8Page - STMicroelectronics HCF4050M013TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2003
s
PROPAGATION DELAY TIME :
tPD = 40ns (TYP.) at VDD = 10V CL = 50pF
s
HIGH TO LOW LEVEL LOGIC CONVERSION
s
HIGH "SINK" AND "SOURCE" CURRENT
CAPABILITY
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4050B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
It is an non inverting Hex Buffer/Converter and
feature logic level conversions using only one
supply voltage (VDD).
The input high level signal (VIH) can exceed the
VDD supply voltage when these devices are used
for logic level conversions. This device is intended
for use as CMOS to DTL/TTL converters and can
drive directly
two
DTL/TTL
loads (VDD=5V,
VOL≤0.4V and IOL≤3.2mA.
HCF4050B
HEX BUFFER/CONVERTER (NON INVERTING)
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4050BEY
SOP
HCF4050BM1
HCF4050M013TR
DIP
SOP


Similar Part No. - HCF4050M013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4051 STMICROELECTRONICS-HCF4051 Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051B STMICROELECTRONICS-HCF4051B Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051B STMICROELECTRONICS-HCF4051B Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
HCF4051BC1 STMICROELECTRONICS-HCF4051BC1 Datasheet
366Kb / 17P
ANALOG MULTIPLEXERS-DEMULTIPLEXERS
Jun-1989
HCF4051BE STMICROELECTRONICS-HCF4051BE Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
More results

Similar Description - HCF4050M013TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
HEX BUFFER/CONVERTER (INVERTING)
Mar-2004
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com