Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4050M013TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # HCF4050M013TR
Description  HEX BUFFER/CONVERTER (NON INVERTING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4050M013TR Datasheet(HTML) 3 Page - STMicroelectronics

  HCF4050M013TR Datasheet HTML 1Page - STMicroelectronics HCF4050M013TR Datasheet HTML 2Page - STMicroelectronics HCF4050M013TR Datasheet HTML 3Page - STMicroelectronics HCF4050M013TR Datasheet HTML 4Page - STMicroelectronics HCF4050M013TR Datasheet HTML 5Page - STMicroelectronics HCF4050M013TR Datasheet HTML 6Page - STMicroelectronics HCF4050M013TR Datasheet HTML 7Page - STMicroelectronics HCF4050M013TR Datasheet HTML 8Page - STMicroelectronics HCF4050M013TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HCF4050B
3/9
DC SPECIFICATIONS
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
µA)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Current
0/5
5
0.02
1
30
30
µA
0/10
10
0.02
2
60
60
0/15
15
0.02
4
120
120
0/20
20
0.04
20
600
600
VOH
High Level Output
Voltage
0/5
<1
5
4.95
4.95
4.95
V
0/10
<1
10
9.95
9.95
9.95
0/15
<1
15
14.95
14.95
14.95
VOL
Low Level Output
Voltage
5/0
<1
5
0.05
0.05
0.05
V
10/0
<1
10
0.05
0.05
0.05
15/0
<1
15
0.05
0.05
0.05
VIH
High Level Input
Voltage
0.5/4.5
<1
5
3.5
3.5
3.5
V
1/9
<1
10
7
7
7
1.5/13.5
<1
15
11
11
11
VIL
Low Level Input
Voltage
4.5/0.5
<1
5
1.5
1.5
1.5
V
9/1
<1
10
3
3
3
13.5/1.5
<1
15
4
4
4
IOH
Output Drive
Current
0/5
2.5
<1
5
-1.25
-6.4
-0.42
-0.42
mA
0/5
4.6
<1
5
-0.51
-1.6
-0.38
-0.38
0/10
9.5
<1
10
-1.25
-3.6
-1
-1
0/15
13.5
<1
15
-3.75
-12
-3
-3
IOL
Output Sink
Current
0/5
0.4
<1
5
3.2
6.4
2.6
2.6
mA
0/10
0.5
<1
10
8
16
6.6
6.6
0/15
1.5
<1
15
24
48
19
19
II
Input Leakage
Current
0/18
Any Input
18
±10-5 ±0.1
±1
±1
µA
CI
Input Capacitance
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com